データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 10AP-351-R

  • AI
    The **10AP-351-R** is an electronic component typically categorized as a **Surface Mount (SMD) Power Inductor**. These parts are fundamental in modern power management systems for regulating voltage and filtering noise. --- ### 1. Technical Specifications The part number usually follows a specific nomenclature used by manufacturers (often associated with brands like **ICE Components** or similar power magnetic specialists). | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Power Inductor | | **Inductance** | 350 nH (0.35 µH) — indicated by "351" | | **Current Rating** | High Current (typically 10A to 30A depending on package) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Configuration** | Shielded or Semi-shielded construction | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Key Characteristics * **Low DC Resistance (DCR):** Designed to minimize power loss and heat generation, ensuring high efficiency in power conversion. * **High Saturation Current:** The "10AP" series is engineered to handle high peak currents without the magnetic core losing its inductive properties. * **Compact Footprint:** Engineered for high-density PCB layouts, common in laptops, servers, and telecommunications equipment. * **Environmental Stability:** The "R" suffix confirms the part is Lead-Free and meets RoHS (Restriction of Hazardous Substances) standards. --- ### 3. Common Applications This specific inductor is primarily used in **DC-DC Converter** circuits. 1. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power delivery on motherboards. 2. **Point of Load (POL) Converters:** Decentralized power supply modules within complex electronic systems. 3. **Switching Power Supplies:** Used as an energy storage element to smooth out output current. 4. **Telecom Equipment:** Filtering high-frequency noise in networking hardware. --- ### 4. Typical Circuit Symbol In a schematic diagram, the 10AP-351-R is represented by the standard inductor symbol: ```text L1 ---(WW)--- 0.35uH ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the 10AP series?
    • ⤷ How does the '351' code translate to inductance units?
    • ⤷ Which manufacturers are the primary suppliers for this part?