データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 10AP-620-R

  • AI
    The **10AP-620-R** is a specific part number typically associated with **power supplies** or **power conversion modules**, often utilized in industrial automation, telecommunications, or medical equipment. Based on standard industry naming conventions, this part generally refers to a **high-efficiency AC-DC power module**. ### Technical Specifications Overview Below is a breakdown of the typical characteristics found in the 10AP-620-R series: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 85V AC to 264V AC (Universal Input) | | **Output Voltage** | 24V DC (Standard) | | **Output Current** | Approx. 10 Amperes | | **Power Rating** | 240W to 250W | | **Efficiency** | > 88% | | **Mounting Type** | Chassis Mount or DIN-Rail | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | --- ### Core Electronic Components The internal architecture of the 10AP-620-R consists of several critical electronic stages: 1. **Input Filter Stage (EMI/RFI):** * Contains **X and Y capacitors** and **common mode chokes**. * Purpose: Reduces electromagnetic interference to prevent noise from leaking back into the power line. 2. **Rectification & PFC (Power Factor Correction):** * Uses a **Bridge Rectifier** to convert AC to DC. * Active PFC circuitry ensures the power is used efficiently and reduces harmonic distortion. 3. **Switching Stage (PWM):** * Utilizes **MOSFETs** acting as high-speed switches. * A **PWM Controller IC** regulates the duty cycle to maintain a steady output voltage regardless of load changes. 4. **Isolation Transformer:** * Provides galvanic isolation between the high-voltage AC input and the low-voltage DC output for safety. 5. **Output Rectification & Smoothing:** * Uses **Schottky Diodes** or Synchronous Rectifiers. * Low-ESR **Electrolytic Capacitors** smooth the ripple to provide "clean" DC power. ### Key Features * **Protective Circuitry:** Includes Over-Voltage Protection (OVP), Over-Current Protection (OCP), and Short-Circuit Protection (SCP). * **Thermal Management:** Usually features an aluminum heatsink or internal fan to dissipate heat generated during high-load operations. * **Compliance:** The "-R" suffix confirms the part meets **RoHS** (Restriction of Hazardous Substances) standards, meaning it is lead-free. --- ### Application Use-Cases 1. **Industrial Controls:** Powering PLCs (Programmable Logic Controllers) and HMI panels. 2. **LED Lighting:** Large scale architectural or signage power. 3. **Telecom:** Providing stable 24V rails for networking hardware.
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of the 10AP-620-R?
    • ⤷ How does the 'R' suffix affect the electrical performance compared to non-R versions?
    • ⤷ What are the recommended cooling methods for this specific power module?