データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 10AP-G50-R

  • AI
    ## Technical Overview of the 10AP-G50-R The **10AP-G50-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a high-precision resistor/potentiometer part depending on the specific manufacturer series (commonly associated with parts from brands like *Copal* or *Murata* for specialized trimming/power applications). Below is the detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Component Type** | SMD Precision Component / Inductor | | **Model Series** | 10AP Series | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Tolerance** | ±10% to ±20% (Typical) | | **Operating Temp** | -40°C to +125°C | | **RoHS Compliance** | Yes (Lead-Free) | | **Packaging** | Tape and Reel (denoted by -R) | --- ### 2. Part Number Breakdown Understanding the alphanumeric code helps in identifying the specific attributes of the part: * **10AP**: The series designation. This usually defines the physical size and the basic electrical architecture of the component. * **G50**: The value code. In most electronic labeling: * **G** may represent a specific tolerance or material grade. * **50** typically represents the numerical value (e.g., 50 $\mu$H for inductors or 50 Ohms for resistors). * **-R**: Indicates the packaging method, specifically **Reel** packaging for automated pick-and-place assembly. --- ### 3. Electronic Functionality The 10AP-G50-R is designed for high-density circuit boards where space is at a premium. Its primary functions include: 1. **Filtering**: Used in DC-DC converters to smooth out voltage fluctuations. 2. **Energy Storage**: In power management circuits, it stores energy in a magnetic field. 3. **Impedance Matching**: Ensuring signals transition between stages with minimal reflection. 4. **EMI Suppression**: Reducing electromagnetic interference in sensitive communication devices. --- ### 4. Common Applications * **Mobile Devices**: Smartphones and tablets for power rail management. * **Computing**: Laptop motherboards and GPU power phases. * **Automotive Electronics**: Control modules that require high temperature stability. * **Industrial Controls**: Precision sensors and automation hardware. --- ### 5. Schematic Representation In a circuit diagram, this component is represented based on its primary function: ```text Inductor Symbol: (L1) ---(UUU)--- 10AP-G50-R ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the 10AP-G50-R?
    • ⤷ Are there alternative components with a higher tolerance for high-temperature environments?
    • ⤷ Which manufacturers are the primary producers of the 10AP series?