データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 10GENG3CSLASHW3CSLASH-R

  • AI
    The model number **10GENG3/W3/R** refers to a high-performance **10 Gigabit Ethernet (10GbE) SFP+ Transceiver Module**, typically associated with enterprise networking hardware (such as Allied Telesis or generic Cisco-compatible solutions). Below is a breakdown of the technical specifications and electronic components of this module. --- ### 1. Technical Specifications This module is designed for short-range data transmission over fiber optic cables. | Feature | Specification | | :--- | :--- | | **Form Factor** | SFP+ (Small Form-factor Pluggable Plus) | | **Data Rate** | 10 Gbps (Gigabits per second) | | **Wavelength** | 850 nm (Nanometers) | | **Media Type** | Multi-Mode Fiber (MMF) | | **Connector** | Duplex LC | | **Max Distance** | 300 meters (using OM3 fiber) | | **Operating Temperature** | Commercial Range (0°C to 70°C) | --- ### 2. Key Electronic Components Inside the SFP+ housing, several critical electronic subsystems work together to convert electrical signals into light and vice versa: #### A. The TOSA (Transmitter Optical Sub-Assembly) * **VCSEL Laser:** The 10GENG3 uses a **Vertical-Cavity Surface-Emitting Laser**. This is an electronic semiconductor that emits a high-speed infrared beam at 850nm. * **Laser Driver:** An integrated circuit (IC) that modulates the electrical current to the laser to represent binary data (0s and 1s). #### B. The ROSA (Receiver Optical Sub-Assembly) * **PIN Photodiode:** A semiconductor that converts incoming light pulses back into electrical current. * **TIA (Trans-Impedance Amplifier):** An electronic component that amplifies the very weak current from the photodiode into a usable voltage signal. #### C. DDM/DOM Microcontroller * **Digital Diagnostics Monitoring:** This chip monitors the "health" of the module in real-time. It reports: * Internal Temperature. * Supply Voltage. * Laser Bias Current. * Transmitted (TX) Optical Power. * Received (RX) Optical Power. #### D. EEPROM * A small memory chip that stores the "Serial ID" information. This tells the switch or router the manufacturer's name, part number, and compatibility code to ensure the hardware recognizes the module. --- ### 3. Usage Context This specific part is used in: * **Data Centers:** Connecting servers to top-of-rack switches. * **Enterprise Core Switches:** Providing high-speed uplinks between floors or buildings. * **Storage Area Networks (SAN):** High-speed data transfer between storage arrays and servers.
    ✨ Follow-up Questions
    • ⤷ What is the difference between OM3 and OM4 fiber distance for this module?
    • ⤷ Can this 10G SFP+ module work in a 1G SFP port?
    • ⤷ How do I access the DDM/DOM data from my network switch?