データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 10GENG3E-R

  • AI
    The **10GENG3E-R** is a high-performance, automotive-grade telematics control unit (TCU) or communication module, often integrated into modern vehicle ecosystems for cellular connectivity (LTE/5G transition), emergency services (eCall), and data diagnostics. --- ### ## Core Electronic Components The architecture of the 10GENG3E-R is built around a "System on Module" design philosophy. Below are the primary electronic categories found within the unit: | Component Category | Description | Primary Function | | :--- | :--- | :--- | | **Main Processor (SoC)** | High-speed ARM-based processor (often Qualcomm Snapdragon Automotive platform). | Handles data processing, encryption, and protocol management. | | **Cellular Modem** | Multimode LTE/4G/5G-ready module. | Manages wide-area network connectivity and carrier handovers. | | **GNSS Module** | GPS / GLONASS / Galileo receiver. | Provides high-precision positioning for navigation and emergency tracking. | | **Power Management (PMIC)** | Specialized integrated circuits for voltage regulation. | Converts vehicle battery voltage (12V) to internal low voltages (1.8V, 3.3V). | | **Memory (RAM/Flash)** | LPDDR4 and eMMC/UFS storage. | Stores firmware, OS (often Linux/QNX), and temporary data logs. | --- ### ### Key Connectivity Features The "R" in the series often denotes a specific regional configuration or a revised hardware revision aimed at improved RF (Radio Frequency) stability. 1. **V2X Communication:** Some variants support *Vehicle-to-Everything* communication using specialized RF front-end chips to talk to smart infrastructure. 2. **Internal Backup Battery:** Includes a small Lithium-Ion or NiMH battery circuit to ensure the device can send an "Emergency Call" even if the vehicle's main battery is disconnected during a crash. 3. **CAN-Bus Interface:** Features a Transceiver (e.g., TJA series) to communicate with the vehicle's internal ECU network. --- ### ### Technical Specifications Summary | Feature | Specification Details | | :--- | :--- | | **Operating Voltage** | 9V to 16V DC (Standard Automotive) | | **Communication Protocols** | CAN-FD, Ethernet (BroadR-Reach), USB 2.0/3.0 | | **Antenna Ports** | Fakra or HSD connectors for Cellular, WiFi, and GNSS | | **Environmental Rating** | -40°C to +85°C (Automotive Grade) | --- ### ### Typical Application Circuitry The device operates as a gateway. It gathers sensor data from the **CAN-Bus**, packages it using the **Main Processor**, and transmits it via the **Cellular Modem** to a cloud server. Conversely, it receives Over-the-Air (OTA) updates to patch other ECUs within the car.
    ✨ Follow-up Questions
    • ⤷What are the specific pinout diagrams for the 10GENG3E-R main connector?
    • ⤷ Which vehicle manufacturers primarily use the 10GENG3E-R module?
    • ⤷ How do I troubleshoot a 'No Communication' error with this specific TCU?