データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 10LCS-0F0-R

  • AI
    The **10LCS-0F0-R** is a specific surface-mount (SMT) component, typically categorized as a **Chip Inductor** or a **Ferrite Chip Bead**, often manufactured by companies like Taiyo Yuden or similar specialty magnetics producers. These components are primarily used for noise suppression and signal conditioning in high-density electronic circuits. --- ### Technical Specifications Below is a breakdown of the typical technical characteristics associated with this part series: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Multilayer Chip Inductor / Ferrite Bead | | **Package Size** | 0402 (EIA) or 1005 (Metric) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Material** | Ferrite / Ceramic Composite | | **Termination** | Standard Lead-Free (RoHS Compliant) | | **Primary Function** | EMI/RFI Suppression & Power Line Filtering | --- ### Core Functions & Features #### 1. EMI Suppression The 10LCS-0F0-R acts as a low-pass filter. It allows Direct Current (DC) to pass through with minimal resistance while providing high impedance to high-frequency noise. This prevents electromagnetic interference (EMI) from affecting sensitive components. #### 2. Compact Form Factor Due to its small footprint (often 1.0mm x 0.5mm), it is ideal for modern portable electronics where PCB real estate is at a premium. #### 3. Low DC Resistance (DCR) Parts in this series are engineered to have very low internal resistance to ensure they do not cause significant voltage drops or heat generation when used in power supply lines. --- ### Common Applications * **Mobile Devices:** Used in smartphones and tablets to filter noise from high-speed data lines. * **Computing:** Found on motherboards and GPU cards near voltage regulator modules (VRMs). * **Consumer Electronics:** Employed in digital cameras and portable audio players to maintain signal integrity. * **Communication:** Used in RF modules to isolate different stages of the wireless signal chain. --- ### Schematic Representation In a circuit diagram, this part is represented as an inductor: ```text L1 (10LCS-0F0-R) IN ----[UUUUU]---- OUT | (Noise Filter) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact impedance rating at 100MHz for this part?
    • ⤷ Can this component be substituted with a standard 0402 resistor?
    • ⤷ What are the soldering temperature profiles recommended for the R-suffix version?