データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 10MS-50-R

  • AI
    The **10MS-50-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Aluminum Electrolytic Capacitor**. These are common in power management and signal filtering circuits where space is at a premium. --- ### 1. Technical Specifications Based on the part numbering convention (often used by manufacturers like Suncon/Sanyo or Lelon), here are the typical specifications: | Feature | Specification | |:---|:---| | **Capacitance** | 10 µF (Microfarads) | | **Voltage Rating** | 50V DC | | **Series** | MS (Miniature/Standard Series) | | **Mounting Type** | Surface Mount Device (SMD/V-Chip) | | **Tolerance** | ±20% | | **Temperature Range** | -40°C to +85°C (Standard) | | **RoHS Status** | R (Compliant) | ### 2. Physical Characteristics * **Form Factor:** Often referred to as a "V-Chip" due to its vertical surface-mount orientation on a plastic base. * **Dimensions:** Usually small (e.g., 4x5.4mm or 5x5.4mm), allowing for high-density PCB layouts. * **Polarity:** These are polarized components. The top of the aluminum can usually has a black or colored marking indicating the **Negative (-)** terminal. ### 3. Key Functions in a Circuit The 10MS-50-R is generally used for the following purposes: 1. **Decoupling:** Placed near ICs to provide a local energy reservoir and smooth out voltage spikes. 2. **Filtering:** Removing high-frequency noise from DC power lines. 3. **Coupling:** Passing AC signals while blocking DC components in audio or signal processing stages. ### 4. Comparison: SMD vs. Through-Hole | Feature | 10MS-50-R (SMD) | Radial Lead Equivalent | |:---|:---|:---| | **Assembly** | Automated (Pick & Place) | Manual or Wave Solder | | **Space** | Low Profile | Higher Vertical Profile | | **Vibration** | High Resistance | Lower Resistance | --- ### Important Considerations for Replacement If you are looking for a replacement, ensure the **ESR (Equivalent Series Resistance)** and **Ripple Current** ratings meet your circuit's requirements, as these are critical for the longevity of electrolytic capacitors.
    ✨ Follow-up Questions
    • ⤷ What are the common manufacturers for the MS series capacitors?
    • ⤷ How do I identify the negative terminal on an SMD capacitor?
    • ⤷ What is the shelf life of an aluminum electrolytic capacitor like the 10MS-50-R?