データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 10PR-240-R

  • AI
    The **10PR-240-R** is a specific part number typically associated with **MELF (Metal Electrode Leadless Face)** resistors or high-precision surface-mount components, often manufactured by companies like **Vishay** or **Ohmite**. Based on the nomenclature, this part belongs to the category of high-reliability, surface-mount power resistors. --- ### 1. Technical Specifications The breakdown of the part number typically follows this logic: | Feature | Specification | Description | | :--- | :--- | :--- | | **Type** | Power Film Resistor | MELF style or axial leaded (depending on series). | | **Resistance Value** | 240 Ohms | The "240" indicates the ohmic value. | | **Tolerance** | ±1% to ±5% | Standard for precision industrial components. | | **Power Rating** | 0.25W to 1W | Depending on the physical size code (10PR). | | **RoHS Status** | Compliant | Indicated by the **-R** suffix (Lead-Free/RoHS). | --- ### 2. Key Physical Characteristics 1. **MELF Package:** These parts often use a cylindrical surface-mount design. This provides superior thermal dissipation and pulse load stability compared to standard flat-chip thick film resistors. 2. **Metal Film Technology:** Provides low noise, low temperature coefficient of resistance (TCR), and high stability over time. 3. **Termination:** The "R" usually signifies RoHS compliance with tin-plated terminations suitable for lead-free reflow soldering. --- ### 3. Applications The 10PR-240-R is commonly found in circuits requiring stability and durability: * **Industrial Electronics:** Control systems and sensors where thermal cycling is frequent. * **Telecommunications:** Signal processing equipment. * **Automotive:** Lighting modules or engine control units (ECUs) due to vibration resistance. * **Medical Equipment:** Precision measurement devices. --- ### 4. Equivalent Comparison If you are looking for alternatives, compare the following parameters: ```yaml Comparison_Metrics: Package_Size: 0204 or 0207 (MELF) Resistance: 240 Ω Stability: < 0.5% after 1000h Operating_Temp: -55°C to +155°C ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the 10PR-240-R?
    • ⤷ Is there a specific manufacturer datasheet available for this part?
    • ⤷ Can a standard 0805 SMD resistor be used as a substitute?