データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 10RS-1A-R0-R/C03

  • AI
    The part number **10RS-1A-R0-R/C03** generally refers to a specific series of **Reed Relays** or high-frequency communication components, often associated with manufacturers like *Standex Electronics (OKI)* or *Riedon*. Below is a detailed breakdown of the technical characteristics and typical applications for this type of component. --- ### 1. Technical Specifications Based on standard nomenclature for this series, the specifications are as follows: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Reed Relay | Uses an electromagnetic coil to control a reed switch. | | **Contact Form** | 1 Form A (SPST-NO) | Single Pole, Single Throw, Normally Open. | | **Coil Voltage** | 5V - 12V DC | Standard operating voltage (varies by sub-series). | | **Package Style** | SIP / DIP / Surface Mount | Typically found in a compact, vertical SIP (Single In-line Package). | | **Switching Power** | 10W - 15W | Maximum power handling capability. | | **Contact Resistance** | < 150 mΩ | Low initial contact resistance for signal integrity. | --- ### 2. Part Number Breakdown While manufacturer codes vary slightly, the typical breakdown is: * **10RS**: Series designation (often indicating a high-sensitivity or miniature reed series). * **1A**: Contact configuration (1 Form A = 1 Normally Open contact). * **R0**: Resistance/Sensitivity code (specific to the coil winding). * **R/C03**: Revision or custom packaging code (often indicates RoHS compliance or specific lead trimming). --- ### 3. Key Advantages 1. **High Isolation**: Provides excellent galvanic isolation between the control circuit (coil) and the load circuit. 2. **Longevity**: Since the contacts are hermetically sealed in glass with inert gas, they are protected from oxidation, leading to millions of switching cycles. 3. **Speed**: Faster than standard electromechanical relays, making them suitable for high-speed automated test equipment (ATE). 4. **Low Power Consumption**: The "RS" series is generally optimized for low coil power. --- ### 4. Common Applications * **Telecommunications**: Signal routing and line switching. * **Security Systems**: Sensor monitoring and alarm triggers. * **Medical Electronics**: Patient monitoring equipment requiring isolation. * **Instrumentation**: Data acquisition systems and multiplexers. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching voltage for the 10RS series?
    • ⤷ Can this relay be used in high-frequency RF applications?
    • ⤷ What are the footprint dimensions for the SIP version of this part?