データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 10RS-3A-R6-R/C01

  • AI
    Based on the part number provided, this component belongs to the **10RS Series** of board-to-board connectors, typically manufactured by **JST (Japan Solderless Terminals)**. These are IDC (Insulation Displacement Connector) type connectors designed for high-density internal wiring in electronic devices. --- ### ## Technical Specifications The following table outlines the general characteristics of the 10RS-3A-R6-R/C01 part: | Feature | Specification | | :--- | :--- | | **Part Series** | 10RS Series (Board-to-board) | | **Number of Circuits** | 10 Positions | | **Pitch** | 2.5 mm | | **Connector Type** | Receptacle (Female) | | **Connection Method** | Insulation Displacement (IDC) | | **Current Rating** | 1.0A AC/DC | | **Voltage Rating** | 250V AC/DC | | **Temperature Range** | -25°C to +85°C | --- ### ### Key Features and Design * **IDC Technology:** Allows for the termination of wires without stripping the insulation, providing a reliable and gas-tight connection. * **Low Profile:** Designed for compact electronic assemblies where vertical space is limited. * **Secure Locking:** The "R" and "C" suffixes in the part number often denote specific packaging (Reel) and variations in the locking mechanism or color coding. * **Dual-Leaf Contacts:** Ensures high contact pressure and stability against vibrations. ### ### Typical Applications 1. **Consumer Electronics:** Internal power and signal routing in TVs and audio systems. 2. **Office Equipment:** Connectivity for sensors and motors in printers or copiers. 3. **Industrial Controls:** Board-to-board connections in PLC modules. 4. **Household Appliances:** Control panel wiring for washing machines or microwaves. --- ### ### Part Number Breakdown (Generic) While JST codes can be specific, here is a general breakdown: * **10**: Number of circuits (10 pins). * **RS**: Series name. * **3A**: Specific height or mounting style. * **R6**: Coding for wire gauge compatibility or color. * **R/C01**: Packaging code (usually indicating Reel Tape for automated assembly).
    ✨ Follow-up Questions
    • ⤷ What is the compatible wire gauge (AWG) for this IDC connector?
    • ⤷ Are there specific crimping tools required for the 10RS series?
    • ⤷ What are the footprint dimensions for the PCB layout?