10RS-3A-R6-R/C02
AI

The **10RS-3A-R6-R/C02** is a specific part number typically associated with high-precision **Thin Film Chip Resistors** or specialized electronic components used in signal conditioning. Based on standard industry naming conventions (often used by manufacturers like Susumu or similar precision component makers), here is a breakdown of its technical specifications.
---
## 1. Technical Specifications
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Series** | RS Series | High-reliability, thin-film technology. |
| **Resistance Value** | 10 $\Omega$ | The nominal resistance value is 10 Ohms. |
| **Tolerance** | $\pm$ 0.1% to 0.5% | Typically represents high-precision tolerance (indicated by the '3A' or 'R6' suffixes). |
| **Power Rating** | 0.1W - 0.25W | Standard for R6 sized surface mount components. |
| **Package Size** | 0603 or 0805 | Surface Mount Device (SMD) metric/imperial sizing. |
| **Temperature Coefficient** | $\pm$ 25ppm/°C | Low drift over temperature changes. |
---
## 2. Part Number Breakdown
While manufacturer codes vary slightly, the string generally follows this logic:
1. **10RS**: Defines the series and base resistance (10 Ohms).
2. **3A**: Often refers to the power rating or specific precision class.
3. **R6**: Refers to the physical case size (often matching the 0603/0805 footprint).
4. **R/C02**: Indicates the packaging format (Reel/Tape) and the revision or specific coating code.
---
## 3. Key Characteristics
### Thin Film Technology
Unlike standard thick film resistors, this part uses thin-film deposition. This results in:
* **Lower Noise:** Essential for audio or high-frequency circuits.
* **Higher Stability:** Resistance does not fluctuate significantly under load.
* **Tight Tolerance:** Closer to the stated 10 Ohm value than general-purpose parts.
### Applications
* **Medical Equipment:** Monitoring devices requiring high accuracy.
* **Test and Measurement:** Used in multimeters and oscilloscopes.
* **Automotive Electronics:** Control units where thermal stability is critical.
* **Communication Base Stations:** For precision signal matching.
---
## 4. Handling and Soldering
| Process | Recommendation |
| :--- | :--- |
| **Soldering** | Reflow or Wave soldering compatible. |
| **Moisture Sensitivity** | Usually MSL 1 (Unlimited shelf life at <30°C/85% RH). |
| **Storage** | Store in original anti-static packaging to prevent oxidation of terminals. |
- ⤷
Who is the primary manufacturer for this specific part number?
- ⤷ What are the alternative components with similar specifications?
- ⤷ Can this resistor be used in high-voltage applications?