データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 10RS-5B-R0-R

  • AI
    The part number **10RS-5B-R0-R** typically refers to a high-precision, wirewound potentiometer or a specialized resistor component, commonly manufactured by brands like **Sakata** or specialized precision electronic suppliers. Below is a detailed breakdown of its specifications and characteristics. --- ### 1. General Specifications This component is designed for industrial applications requiring high accuracy and durability. | Feature | Description | | :--- | :--- | | **Component Type** | Wirewound Potentiometer / Precision Resistor | | **Resistance Value** | Likely 10 Ohms (derived from the "10" prefix) | | **Tolerance** | Generally ±5% or better (Standard for "5B" series) | | **Rotation Type** | Single-turn or Multi-turn (Series dependent) | | **Termination** | Radial or Solder Lug (depending on "R0" suffix) | | **RoHS Status** | Compliant (Indicated by the final "-R") | --- ### 2. Part Number Breakdown While manufacturer coding can vary slightly, here is the standard interpretation for this series: * **10**: Represents the base resistance or power rating. In many cases, this indicates a **10-Ohm** nominal resistance. * **RS**: Stands for the series type (often indicating a **Wirewound** construction). * **5B**: Typically indicates the mechanical configuration or a specific tolerance/linearity grade. * **R0**: Refers to the shaft style or the specific mounting hardware configuration (e.g., a "Round" shaft or specific bushing). * **-R**: Generally indicates **RoHS Compliance** (Lead-free). --- ### 3. Key Technical Features * **Wirewound Construction:** Uses a metal wire wrapped around a core. This provides excellent power handling and high stability compared to carbon film alternatives. * **High Precision:** These parts are often used in feedback loops or calibration circuits where specific resistance values are critical. * **Durability:** Designed for high rotational life and resistance to environmental factors like heat and vibration. --- ### 4. Common Applications Due to its precision nature, the 10RS-5B-R0-R is usually found in: 1. **Industrial Control Panels:** For fine-tuning voltage or current levels. 2. **Test & Measurement Equipment:** Used as a calibration variable. 3. **Medical Devices:** Where high-reliability components are mandatory. 4. **Audio Equipment:** Specifically in high-end power amplifiers for bias adjustment. ---
    ✨ Follow-up Questions
    • ⤷What is the power rating (Wattage) for this specific series?
    • ⤷ Are there alternative mounting styles for the RS series?
    • ⤷ How does wirewound technology compare to cermet for this part?