データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 10S-R

  • AI
    The term **10S-R** in the context of electronics typically refers to a specific classification of **Passive Components**, most commonly **Thick Film Chip Resistor Networks** or high-precision resistors. Below is a detailed breakdown of what these parts represent, their specifications, and their typical applications. --- ## 1. Defining "10S-R" In electronic component nomenclature, "10S-R" is generally interpreted as follows: * **10S**: Refers to the physical configuration, often indicating a **10-pin SIP (Single In-line Package)**. * **R**: Stands for **Resistor** or Resistor Network. ### Component Overview Table | Feature | Description | | :--- | :--- | | **Component Type** | Resistor Network / Array | | **Package Type** | SIP (Single In-line Package) | | **Number of Pins** | 10 Pins | | **Common Circuits** | Isolated, Bussed, or Dual Terminator | | **Mounting Type** | Through-hole (THT) | --- ## 2. Internal Circuit Configurations Because a 10S-R is a network of multiple resistors in one housing, the internal wiring can vary. The three most common types are: ### A. Bussed (Common) Configuration * **Pin 1** is a common point. * **Pins 2 through 10** are each connected to one resistor, which all terminate at Pin 1. * **Total Resistors:** 9. ### B. Isolated Configuration * Pairs of pins form individual, independent resistors. * Pin 1-2, 3-4, 5-6, 7-8, 9-10. * **Total Resistors:** 5. ### C. Dual Terminator * Used for impedance matching (e.g., TTL or ECL lines). * Contains a series of resistor pairs connected between power, ground, and signal lines. --- ## 3. Technical Specifications Most 10S-R components (like those manufactured by Bourns, CTS, or Vishay) follow these standard specs: * **Resistance Range:** $10 \Omega$ to $2.2 M\Omega$. * **Tolerance:** Commonly $\pm 2\%$ or $\pm 5\%$. * **Power Rating:** Usually $0.125W$ to $0.25W$ per resistor element. * **Temperature Coefficient:** $\pm 100 ppm/^\circ C$. * **Operating Voltage:** Up to $100V$. --- ## 4. Why use a 10S-R Network? 1. **Space Saving:** One 10-pin component replaces up to 9 individual resistors, significantly reducing PCB footprint. 2. **Labor Reduction:** Reduces the number of placements required by automated pick-and-place machines or manual assembly. 3. **Matched Values:** Since the resistors are manufactured on the same substrate, they track temperature and aging changes much more consistently than discrete resistors. --- ## 5. Typical Applications * **Pull-up/Pull-down:** Providing a stable logic level for microcontrollers and FPGA pins. * **LED Current Limiting:** Driving a bank of 8-9 status LEDs. * **Bus Termination:** Preventing signal reflection on high-speed data lines.
    ✨ Follow-up Questions
    • ⤷ How do I identify the common pin on a 10S-R resistor network?
    • ⤷ What is the difference between a SIP and a DIP resistor network?
    • ⤷ How is the resistance value typically coded on the body of these parts?