データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 10TP-150-R

  • AI
    The **10TP-150-R** is a specific electronic component within the **Surface Mount (SMD) Polymer Tantalum Capacitor** family. It is most commonly associated with manufacturers like Panasonic (POSCAP series) or KEMET, designed for high-reliability power circuits. --- ### ## Technical Specifications Below is a breakdown of the key electrical and physical characteristics of the 10TP-150-R: | Parameter | Value / Description | | :--- | :--- | | **Capacitance** | 150 µF | | **Rated Voltage** | 10 VDC | | **Tolerance** | ±20% | | **ESR (Equivalent Series Resistance)** | Low (Typically 40-70 mΩ) | | **Case Size** | D2 (7.3 x 4.3 mm) | | **Operating Temperature** | -55°C to +105°C | | **Dielectric Material** | Tantalum Polymer | --- ### ### Key Features 1. **Polymer Cathode Technology:** Unlike standard tantalum capacitors that use Manganese Dioxide ($MnO_2$), this part uses a conductive polymer. This significantly reduces the risk of ignition or "fire failure" if the component shorts. 2. **Low ESR:** The polymer construction allows for very low internal resistance, which is critical for smoothing high-frequency noise in power supplies. 3. **High Volumetric Efficiency:** It provides a high capacitance (150 µF) in a relatively small surface-mount footprint. 4. **Stable Performance:** The capacitance remains stable across different temperatures and frequencies compared to Ceramic (MLCC) or Aluminum Electrolytic capacitors. --- ### ### Common Applications The 10TP-150-R is typically found in the following circuits: * **DC-DC Converters:** Used as input/output filters to reduce ripple voltage. * **Microprocessor Power:** Providing "bulk" capacitance near CPUs or GPUs where space is limited but high current stability is needed. * **Telecommunications:** In base stations and networking equipment requiring high reliability. * **Consumer Electronics:** Laptop motherboards and high-end audio equipment. --- ### ### Pinout and Layout Code The part is a two-terminal polarized component. * **Anode (+):** Indicated by a bar or line on the top of the casing. * **Cathode (-):** The unmarked side. ```text ___________________ | (Bar) | | [ 150 ] | <-- Capacitance | [ 10V ] | <-- Voltage |___________________| (Anode) (Cathode) ```
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of polymer tantalum over standard tantalum capacitors?
    • ⤷ Can this capacitor be used in 12V power rails?
    • ⤷ How does ESR impact the heat dissipation of the 10TP-150-R?