データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 10VF-660-R

  • AI
    The part number **10VF-660-R** typically refers to a high-frequency **Power Inductor** (often associated with manufacturers like Sumida or similar magnetic component specialists). These components are critical for power management in modern electronics. --- ### 1. Technical Specifications Below is a breakdown of the typical characteristics for this class of component: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Fixed Power Inductor (SMD) | | **Inductance** | 0.66 µH (indicated by "660") | | **Tolerance** | ±20% (Typical) | | **Current Rating (Isat)** | High Saturation Current (usually 10A - 20A+) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Key Characteristics * **Low Profile:** Designed for compact electronic assemblies where vertical space is limited. * **High Current Handling:** Engineered to handle significant current without the magnetic core reaching saturation, which would cause the inductance to drop. * **Low DCR (DC Resistance):** This ensures minimal power loss and heat generation during operation, increasing overall device efficiency. * **Shielded Construction:** Most "VF" series inductors are magnetically shielded to reduce Electromagnetic Interference (EMI) with neighboring components. --- ### 3. Applications Inductors like the 10VF-660-R are found in circuits that require stable voltage conversion: 1. **DC-DC Converters:** Used in "Buck" or "Boost" converters to store energy. 2. **Voltage Regulator Modules (VRM):** Found on motherboards and graphics cards to provide clean power to CPUs/GPUs. 3. **Battery Powered Devices:** Essential in smartphones, tablets, and laptops for efficient power distribution. 4. **Telecommunications:** Used in base stations and networking equipment for noise filtering. --- ### 4. Part Number Decoding While specific to the manufacturer, the code generally breaks down as follows: * **10VF:** The series identifier (defines the physical size and core material). * **660:** The inductance value. The "66" are significant figures, and the "0" is the multiplier. ($66 \times 10^0 = 66$ or $0.66$ depending on the base unit used by the vendor). * **R:** Usually denotes **RoHS Compliance** or **Tape & Reel** packaging.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the 10VF series?
    • ⤷ Can you provide a comparison between 10VF and standard wire-wound inductors?
    • ⤷ How does saturation current affect the performance of this part in a power circuit?