データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 10VF-GG0-R

  • AI
    The part number **10VF-GG0-R** typically refers to a high-speed, high-density **I/O interconnect assembly**, most commonly associated with **SFP+ (Small Form-factor Pluggable)** or similar transceiver cage and connector systems used in networking hardware. ### 1. Component Overview This component is an integrated connector and cage assembly designed to facilitate high-speed data transfer between a Printed Circuit Board (PCB) and an external module (like a fiber optic or copper transceiver). | Feature | Specification Details | | :--- | :--- | | **Component Type** | SFP+ Connector and Cage Assembly | | **Orientation** | Right-Angle / Through-Hole or Press-fit | | **Port Configuration** | Single Port (1x1) | | **Data Rate Support** | Typically up to 10 Gbps (SFP+ standard) | | **Termination Style** | Press-fit (Compliant Pin) | --- ### 2. Key Electronic Features #### A. High-Speed Signal Integrity * **Impedance Control:** Designed to maintain a differential impedance of 100 Ohms, minimizing signal reflection. * **Gold Plating:** The contact mating area usually features gold plating (often 15µ" or 30µ") to ensure low contact resistance and durability over multiple mating cycles. #### B. Mechanical & EMI Shielding * **EMI Springs/Gaskets:** The "GG" in many manufacturer codes refers to the EMI shielding type (often integrated metal springs or gaskets) that prevents electromagnetic interference from leaking through the faceplate. * **Heat Dissipation:** The cage is constructed from copper alloy or stainless steel, acting as a secondary heat sink for the transceiver module. #### C. Connector Interface The internal connector consists of **20 pins**, following the SFP/SFP+ MSA (Multi-Source Agreement) standard: 1. **High-speed pairs:** For TX and RX data. 2. **Low-speed signals:** For I2C communication (EEPROM access), Module Detect, and Transmit Fault. 3. **Grounding:** Multiple ground pins for return current and shielding. --- ### 3. Application Use-Cases These parts are foundational in modern telecommunications infrastructure: * **Network Switches/Routers:** Providing the physical interface for uplinks. * **Servers:** Used in Network Interface Cards (NICs). * **Storage Area Networks (SAN):** Used for Fiber Channel connections. --- ### 4. Mounting Footprint (Typical) ```text PCB Layout View (Conceptual): [ Outer Cage Pins (Mechanical Ground) ] [ ................................... ] [ Internal 20-pin Connector Footprint ] [ ................................... ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering requirements for the 10VF-GG0-R?
    • ⤷ How does the 'GG' shielding compare to other EMI protection methods?
    • ⤷ What is the maximum operating temperature range for this connector?