データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 10VF2-0F0-R

  • AI
    The part number **10VF2-0F0-R** typically refers to a specialized electronic component, most commonly identified as a **high-voltage, high-speed switching diode** or a specific **SMD rectifier/varistor** depending on the manufacturer (often associated with brands like Diotec or generic industrial power components). Below is a breakdown of its technical characteristics and typical applications. --- ### 1. Key Technical Specifications | Feature | Typical Specification | | :--- | :--- | | **Component Type** | Rectifier Diode / High Voltage Diode | | **Max. Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 200V - 1000V (Series dependent) | | **Forward Current ($I_{F}$)** | ~1.0A to 2.0A | | **Package Type** | SMD (Surface Mount Device) | | **RoHS Status** | Compliant (Indicated by "-R") | | **Configuration** | Single Diode | ### 2. Part Number Breakdown (Generic Industry Logic) While specific to certain manufacturers, the nomenclature generally follows this logic: * **10**: Often represents the current rating (e.g., 1.0 Ampere). * **VF**: Usually denotes "Voltage Forward" or "Fast Recovery" characteristics. * **2**: Can represent a specific voltage class (e.g., 200V). * **0F0**: Internal factory code for lead-frame design or internal chip geometry. * **-R**: Indicates **RoHS Compliance** (Lead-free) or **Tape & Reel** packaging. ### 3. Applications These components are designed for high-efficiency power conversion. Common use cases include: 1. **Switching Power Supplies (SMPS):** Used for rectification in the output stage. 2. **Inverters:** Managing DC to AC conversion flows. 3. **Freewheeling Diodes:** Protecting circuits from inductive "kickback" in motor drivers or relay circuits. 4. **DC-DC Converters:** High-speed switching to minimize energy loss. ### 4. Physical Characteristics * **Form Factor:** Designed for automated assembly lines (Pick-and-Place). * **Thermal Management:** The SMD housing is designed to dissipate heat through the PCB copper traces. * **Polarity:** Marked with a cathode band (typically a line on one end of the body). ---
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for the 10VF2-0F0-R?
    • ⤷ Can you provide the exact Forward Voltage (Vf) drop for this part?
    • ⤷ What are the recommended footprint dimensions for PCB layout?