データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 10VF2-EC0-R

  • AI
    The **10VF2-EC0-R** is a specific part number belonging to a series of **Power Line EMI/RFI Filters**. These components are essential in electronic design to suppress electromagnetic interference (EMI) and ensure compliance with electromagnetic compatibility (EMC) standards. --- ## 1. General Specifications The 10VF2-EC0-R is a high-performance, two-stage power line filter. Below is a breakdown of its technical characteristics: | Feature | Specification | | :--- | :--- | | **Current Rating** | 10 Amperes | | **Voltage Rating** | 120/250 VAC | | **Operating Frequency** | 50/60 Hz | | **Filter Type** | Two-Stage (Enhanced suppression) | | **Termination Style** | Faston / Solder Tabs (typically) | | **Mounting** | Flange Mount / Chassis Mount | | **Compliance** | UL Recognized, CSA Certified, VDE Approved | --- ## 2. Key Components & Architecture This part is not a single semiconductor but an assembly of passive components housed in a shielded metal casing. ### Internal Circuitry * **Inductors (Chokes):** Uses common-mode chokes to block high-frequency noise while allowing the 50/60Hz power current to pass. * **X-Capacitors:** Connected across the line (L-N) to suppress differential mode interference. * **Y-Capacitors:** Connected from line to ground (L-G and N-G) to divert common-mode noise to the earth/ground. * **Bleeder Resistor:** Often included to discharge the capacitors when power is disconnected for safety. --- ## 3. Deciphering the Part Number While nomenclature varies slightly by manufacturer (such as TE Connectivity/Corcom), the code generally follows this logic: 1. **10**: Indicates the **Current Rating** (10 Amps). 2. **VF**: Refers to the **Series** (High-performance, two-stage filters designed for noisy environments). 3. **2**: Specifies the **Circuitry/Inductance** variation (Stage configuration). 4. **EC0**: Denotes the **Inlet/Outlet type** (e.g., IEC connector or specific lead wires). 5. **R**: Indicates **RoHS Compliance** (Restriction of Hazardous Substances). --- ## 4. Typical Applications The 10VF2-EC0-R is used in environments where equipment is sensitive to power line noise or generates significant noise itself: * **Industrial Automation:** PLCs, motor drives, and robotics. * **Medical Equipment:** Sensitive diagnostic tools that require low leakage current and high noise immunity. * **Telecommunications:** Power supplies for servers and networking hubs. * **Consumer Electronics:** High-end audio/visual equipment and household appliances with digital controls. --- ## 5. Installation Note When installing this part, it is critical to ensure a **low-impedance ground connection**. The metal housing of the filter should be securely bolted to the metal chassis of the device to provide an effective path for shunting EMI to the ground.
    ✨ Follow-up Questions
    • ⤷ What is the difference between single-stage and two-stage EMI filters?
    • ⤷ How do I calculate the leakage current for the 10VF2-EC0-R?
    • ⤷ Can this filter be used in DC power applications?