データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 11-R10

  • AI
    Based on standard electronic component classification, **11-R10** typically refers to a specific type of **Surface Mount Device (SMD) Power Inductor** or a high-precision **Resistor**. Below is a detailed breakdown of the electronic specifications and characteristics associated with this part designation. --- ### 1. Component Overview The designation "R10" is most commonly a code for the electrical value of the component, specifically representing a decimal point for fractional values. | Feature | Specification | | :--- | :--- | | **Common Type** | SMD Power Inductor / Current Sense Resistor | | **Nominal Value** | 0.10 units (µH for inductors, Ω for resistors) | | **"R" Notation** | Acts as a decimal point (e.g., R10 = 0.10) | | **Mounting Type** | Surface Mount (SMT/SMD) | --- ### 2. Technical Specifications Depending on whether the part is an Inductor (most common for the 11-R10 series) or a Resistor, the specs vary: #### A. If it is an SMD Inductor (e.g., 11mm series) * **Inductance:** 0.10 µH (Microhenries). * **Current Rating:** Typically high (15A to 40A) due to the low inductance value. * **DCR (DC Resistance):** Extremely low, often < 1.0 mΩ to minimize power loss. * **Application:** Used in Voltage Regulator Modules (VRM) for CPUs, GPUs, and high-frequency DC-DC converters. #### B. If it is a Resistor * **Resistance:** 0.10 Ω (100 mΩ). * **Tolerance:** Usually ±1% or ±5%. * **Power Rating:** Often 1/4W to 1W depending on the package size. * **Application:** Current sensing or shunting in power management circuits. --- ### 3. Physical Characteristics The "11" in 11-R10 often refers to the physical footprint or series size. * **Case Size:** Approximately 11mm x 11mm (for power inductors). * **Construction:** Wire-wound with a magnetic shield or a molded metal powder body to reduce Electromagnetic Interference (EMI). * **Terminals:** Lead-free (RoHS compliant) solder pads. --- ### 4. Typical Applications These parts are critical in modern power electronics: 1. **Motherboards:** Powering high-draw components. 2. **Electric Vehicles (EV):** Battery management systems. 3. **Solar Inverters:** Managing high-current DC conversion. 4. **Telecommunications:** Base station power supplies. ---
    ✨ Follow-up Questions
    • ⤷ Are you referring to a specific manufacturer like Wurth Elektronik or Vishay?
    • ⤷ How do I calculate the power dissipation for an R10 resistor in a circuit?
    • ⤷ What is the difference between an R10 and a 10R component?