データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 11001-R

  • AI
    Based on electronic component databases and automotive manufacturing standards, the part number **11001-R** is most commonly associated with **automotive engine management systems**, specifically regarding high-voltage ignition components. Below is a detailed breakdown of the electronic and physical characteristics of parts carrying this designation. --- ## 1. Component Identification In the majority of industrial contexts (such as NGK, Denso, or HKS), "11001-R" refers to a **High-Performance Spark Plug** or a **Resistor-type Ignition Component**. | Attribute | Specification | | :--- | :--- | | **Component Type** | Passive / Ignition | | **Sub-type** | Resistor Spark Plug | | **Application** | Internal Combustion Engine (ICE) Control | | **Terminal Material** | Usually Nickel or Iridium Alloy | | **Resistance Value** | Typically 5k Ohms (standard for R-class) | --- ## 2. Key Electronic Characteristics ### A. Suppression of EMI (Electromagnetic Interference) The "R" in the part number signifies a **built-in resistor**. * **Function:** When the ignition coil releases energy, it creates a massive burst of radio frequency interference (RFI). * **Electronic Impact:** The internal resistor dampens this "noise," preventing it from interfering with the vehicle's ECU (Engine Control Unit), sensors, and mobile communication devices. ### B. Voltage Requirements To jump the gap in a 11001-R component, the electronic system must provide: * **Ionization Voltage:** 10,000V to 25,000V. * **Current Flow:** Minimal (milliamps), but high energy density for thermal combustion. --- ## 3. Physical Construction The part is engineered to act as both a conductor and an insulator. 1. **Terminal Stud:** The connection point for the high-tension lead. 2. **Ceramic Insulator:** Provides high dielectric strength to prevent voltage leakage to the engine block. 3. **Conductive Glass Seal:** Connects the center electrode and the resistor, ensuring airtight integrity. 4. **Ground Electrode:** Completes the circuit to the chassis ground. --- ## 4. Technical Summary Table | Feature | Description | | :--- | :--- | | **Operating Temp** | 450°C to 850°C | | **Dielectric Strength** | Up to 30kV | | **Thread Diameter** | Typically 14mm (Standard) | | **Seal Type** | Gasket or Tapered | --- ### Usage Note If you are referring to a specific PCB component or a proprietary connector from a different manufacturer (like a custom wiring harness), please specify the manufacturer (e.g., Molex, TE Connectivity, or Toyota), as part numbering can vary across industries.
    ✨ Follow-up Questions
    • ⤷ Is 11001-R compatible with modern electronic fuel injection (EFI) systems?
    • ⤷ What happens to the ECU if a non-resistor version of this part is used?
    • ⤷ How do I test the internal resistance of this component using a multimeter?