データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 11Y-R2

  • AI
    The **11Y-R2** is a specific technical identifier typically associated with **pressure transducers** (or pressure transmitters) manufactured by companies like **Keller**. These devices are precision-engineered to convert physical pressure into a measurable electronic signal. Below is an explanation of the electronic components and technical specifications related to the 11Y-R2 series. --- ### 1. Core Electronic Components The device is built using a "Y-series" architecture, which focuses on high electromagnetic compatibility (EMC) and thermal stability. | Component | Description | | :--- | :--- | | **Piezoresistive Sensor** | A silicon-based chip that changes its electrical resistance when mechanical pressure is applied. | | **Signal Conditioner (ASIC)** | An Application-Specific Integrated Circuit that processes the raw analog signal, providing temperature compensation and linearizing the output. | | **Protection Circuitry** | Integrated circuits designed to protect the device against reverse polarity, overvoltage, and electromagnetic interference (EMI). | | **Wheatstone Bridge** | A circuit of resistors used to measure the small changes in resistance from the piezoresistive sensor. | --- ### 2. Technical Specifications The "11Y" specifically refers to a design that utilizes a **fully welded construction** without internal seals, which is critical for long-term electronic stability. | Parameter | Common Rating | | :--- | :--- | | **Supply Voltage** | 8…32 VDC (Standard for 4-20mA loops) | | **Output Signal** | 4…20 mA (2-wire) or 0…10 V (3-wire) | | **Accuracy** | Often < 0.5% FS (Full Scale) | | **Insulation Resistance** | > 100 MΩ at 500 VDC | | **Electrical Connection** | M12 Connector, DIN Plug, or Integral Cable | --- ### 3. Key Electronic Features * **Temperature Compensation:** The 11Y-R2 uses digital compensation. While the sensor is analog, the electronic processing unit adjusts for temperature drifts in real-time to ensure the output remains accurate across a wide range (e.g., -10 to 80°C). * **High EMC Resistance:** These units are designed to operate in industrial environments where high levels of electrical noise are present (e.g., near motors or radio transmitters). * **R2 Configuration:** The "R2" suffix often denotes specific mechanical or electrical variations, such as a specific threading (G1/4") or a reinforced internal diaphragm for better resistance to pressure spikes. --- ### 4. Circuit Diagram (Simplified) ```mermaid graph LR A[Pressure] --> B[Piezoresistive Bridge] B --> C[Amplifier/ASIC] C --> D[V/I Converter] D --> E[4-20mA Output] F[Power Supply] --> C ```
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the 11Y-R2 M12 connector?
    • ⤷ How does the piezoresistive element differ from a capacitive pressure sensor?
    • ⤷ What is the maximum overpressure limit for this specific electronic model?