データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 12-R-

  • AI
    The term **12-R** in electronics typically refers to a component's **resistance value** (where "R" acts as a decimal point or a multiplier for Ohms) or a specific **standardized footprint/size** for surface-mount devices (SMD). Below is a breakdown of the most common interpretations of "12-R" in electronic components. --- ### 1. Resistance Value: 12 Ohms In the electronic color code and alphanumeric marking systems, "R" is used as the decimal separator for Ohms ($\Omega$). | Marking | Meaning | Value | | :--- | :--- | :--- | | **12R** | 12 Ohms | $12 \Omega$ | | **R12** | 0.12 Ohms | $0.12 \Omega$ | | **1R2** | 1.2 Ohms | $1.2 \Omega$ | --- ### 2. Physical Size: 1210 or 1206 Packages When "12" appears in the context of SMD (Surface Mount Device) parts, it often refers to the **Imperial dimensions** of the component's package. | Package Code | Dimensions (Inches) | Dimensions (Metric) | Common Uses | | :--- | :--- | :--- | :--- | | **1206** | $0.12 \times 0.06$ | $3.2 \times 1.6$ mm | Standard resistors and capacitors | | **1210** | $0.12 \times 0.10$ | $3.2 \times 2.5$ mm | Higher power resistors, inductors | --- ### 3. Common Components with "12-R" Designations Depending on the manufacturer, "12-R" can be part of a specific series for various parts: #### A. Fixed Resistors Many manufacturers produce a **12-R series** of metal film or carbon film resistors. * **Purpose:** Current limiting, voltage division. * **Tolerance:** Usually $\pm 1\%$ or $\pm 5\%$. #### B. Inductors (Chokes) Inductors marked with "12R" might signify a **12 Microhenry ($\mu H$)** inductance value. ```text Value: 12µH Part Number Example: Bourns RLB Series 120 (12uH) ``` #### C. Relays (12V-R) In automotive or industrial electronics, "12-R" often denotes a **12 Volt Relay** with a specific Resistor (R) across the coil to suppress voltage spikes (flyback protection). --- ### Summary Checklist To identify your specific "12-R" part, check the following: 1. **Component Type:** Is it a small rectangle (resistor/capacitor) or a box (relay)? 2. **Marking Position:** Is the 'R' between numbers (1R2) or at the end (12R)? 3. **Circuit Location:** If it is labeled **R12** on a PCB, it is simply the 12th resistor in the circuit diagram.
    ✨ Follow-up Questions
    • ⤷ Are you looking for a 12-R resistor or a 12V relay specifically?
    • ⤷ How do you read the SMD code '122' vs '12R'?
    • ⤷ What is the wattage rating of a standard 1206 SMD resistor?