データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1210CP-R12

  • AI
    The **1210CP-R12** is a specific surface-mount electronic component, typically identified as a **Wirewound Chip Inductor**. Components with this naming convention are designed for high-frequency applications where precise inductance and high "Q" factors are required. --- ## 1. Technical Specifications The part number can be broken down into its physical and electrical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Case Size** | 1210 (EIA) | Dimensions are approximately 3.2mm x 2.5mm. | | **Inductance** | 0.12 µH (120 nH) | "R12" indicates the decimal point position in microhenries. | | **Type** | Wirewound | Consists of a copper wire wound around a ceramic or ferrite core. | | **Mounting** | SMD/SMT | Surface Mount Technology for automated PCB assembly. | --- ## 2. Key Features * **High Q Factor:** Wirewound construction provides lower DC resistance (DCR) and higher quality factors compared to multilayer inductors. * **Self-Resonant Frequency (SRF):** Usually features a high SRF, making it suitable for RF (Radio Frequency) circuits. * **Current Handling:** Capable of handling moderate amounts of current relative to its small footprint. * **Stability:** Excellent thermal stability and tight tolerances (often ±5% or ±10%). --- ## 3. Common Applications These components are primarily found in communication and high-speed data hardware: 1. **RF Matching Networks:** Used to match impedance between antennas and transceivers. 2. **Signal Filtering:** Employed in low-pass, high-pass, or band-pass filters to eliminate noise. 3. **Bluetooth & Wi-Fi Modules:** Found in consumer electronics for wireless signal processing. 4. **Oscillators:** Acts as a frequency-determining element in LC circuits. --- ## 4. Equivalent Part Numbering Example In the electronics industry, the "1210" prefix refers to the package size, while the "R" denotes the decimal. ```text Example Logic: 1R2 = 1.2 µH R12 = 0.12 µH 120 = 12 µH (where '0' is the multiplier 10^0) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a wirewound and a multilayer inductor?
    • ⤷ How do I calculate the resonant frequency for this part?
    • ⤷ Which manufacturers produce the 1210CP-R12 series?