データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1210F-R33

  • AI
    The **1210F-R33** is a specific code for a Surface Mount Device (SMD) component, typically representing a **Chip Inductor**. Below is a detailed breakdown of its specifications, naming conventions, and common applications. --- ## 1. Technical Specifications The alphanumeric string "1210F-R33" can be decoded into the following physical and electrical attributes: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Package Size** | 1210 (Imperial) | Dimensions of approximately 3.2mm x 2.5mm. | | **Inductance Value** | R33 | 0.33 microhenries ($\mu H$) or 330 nanohenries ($nH$). | | **Tolerance** | F | $\pm 1\%$ (High precision). | | **Mounting Type** | SMD/SMT | Surface Mount Technology for automated PCB assembly. | | **Material Core** | Ferrite or Ceramic | Usually ferrite for higher current or ceramic for high frequency. | --- ## 2. Decoding the Part Number Manufacturers often use standardized codes to define the properties of the part: ### A. Size Code: "1210" This refers to the footprint of the component on the circuit board: * **Length:** 0.12 inches (3.2 mm) * **Width:** 0.10 inches (2.5 mm) ### B. Tolerance Code: "F" In the electronics industry, the letter "F" denotes a **$\pm 1\%$** tolerance. This is considered a high-precision inductor, as standard inductors often have tolerances of $10\%$ (K) or $20\%$ (M). ### C. Value Code: "R33" The "R" acts as a decimal point for values measured in microhenries ($\mu H$): * **R33** = $0.33 \mu H$ * **1R0** = $1.0 \mu H$ * **100** = $10 \mu H$ --- ## 3. Typical Applications Because of its small size and specific inductance value, the 1210F-R33 is commonly found in: 1. **Filtering:** Used in DC-DC converters to smooth out voltage ripples. 2. **RF Circuits:** Acting as a choke or part of an impedance matching network in telecommunications. 3. **EMI Suppression:** Reducing electromagnetic interference in high-speed data lines. 4. **Signal Conditioning:** Decoupling noise from power supplies in sensitive analog sensors. --- ## 4. Key Performance Factors When selecting or replacing this part, consider these electrical characteristics (refer to the specific manufacturer's datasheet, e.g., Fastron, Murata, or TDK): * **DCR (DC Resistance):** Lower resistance is better for efficiency to prevent heat loss. * **Isat (Saturation Current):** The current level at which the inductance drops by a specific percentage. * **SRF (Self-Resonant Frequency):** The frequency limit beyond which the part behaves as a capacitor rather than an inductor. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between 1210 and 0805 package sizes?
    • ⤷ How does the 'F' tolerance impact the performance of an LC filter?
    • ⤷ Can I replace an R33 inductor with a 330nH inductor?