データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1210F-R47

  • AI
    ## Technical Overview of the 1210F-R47 The **1210F-R47** is a specific designation for a surface-mount device (SMD) electronic component, most commonly a **fixed inductor**. The part number encodes critical information regarding its size, tolerance, and electrical value. --- ### 1. Breakdown of the Part Number | Segment | Meaning | Description | | :--- | :--- | :--- | | **1210** | Case Size | Dimensions are 0.12 x 0.10 inches (approx. 3.2 x 2.5 mm). | | **F** | Tolerance | Indicates a **±1%** precision rating (high accuracy). | | **R47** | Inductance Value | "R" acts as a decimal point. The value is **0.47 µH** (Microhenries). | --- ### 2. Core Specifications While specific values can vary slightly between manufacturers (like Abracon, Bourns, or Murata), a standard 1210F-R47 inductor typically features: * **Type:** Wire-wound or Multilayer Chip Inductor. * **Inductance:** 0.47 µH. * **DC Resistance (DCR):** Usually very low (range of 0.15Ω to 0.5Ω) to minimize power loss. * **Rated Current:** Typically ranges from 300mA to 800mA depending on the internal wire gauge. * **Self-Resonant Frequency (SRF):** High frequency, often exceeding 100MHz. * **Operating Temperature:** Generally -40°C to +125°C. --- ### 3. Key Applications Inductors of this size and value are essential for managing signals and power in compact electronics: 1. **Decoupling/Filtering:** Removing high-frequency noise from power supply lines to prevent interference in sensitive ICs. 2. **DC-DC Converters:** Used in small-scale voltage regulation circuits for smartphones or wearable tech. 3. **RF Circuits:** Due to the 0.47 µH value, it is often found in radio frequency matching networks or signal processing filters. 4. **Impedance Matching:** Ensuring maximum power transfer between different stages of a circuit. --- ### 4. Physical Characteristics The "1210" package is popular because it offers a balance between power handling and PCB real estate. ```text Physical Dimensions (Metric 3225): Length: 3.2 mm [±0.2mm] Width: 2.5 mm [±0.2mm] Height: 1.1 mm to 2.5 mm (variable by model) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a wire-wound and a multilayer 1210 inductor?
    • ⤷ How does the 'F' tolerance compare to standard 'K' or 'M' tolerances?
    • ⤷ Can this component be used in high-power automotive applications?