データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 121M4-R

  • AI
    The **121M4-R** typically refers to a high-current, surface-mount power inductor, most commonly associated with series like the **HCMA1104** or similar high-current power inductors from manufacturers like Eaton (Bussmann). The alphanumeric code "121" follows a standard electronic labeling convention for inductance values. --- ### 1. Specification Breakdown The part number is an encoded string that defines the physical and electrical characteristics of the component: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **121** | Inductance Value | 120 µH (12 followed by one zero) | | **M** | Tolerance | ±20% | | **4** | Size/Series Code | Refers to the height or specific footprint (e.g., 4mm) | | **-R** | RoHS Compliant | Indicates the part is lead-free and compliant with environmental standards | --- ### 2. Key Technical Characteristics These components are designed for high-density power applications. Their primary role is energy storage and filtering. * **High Current Handling:** Designed to handle significant DC currents without saturating. * **Magnetically Shielded:** The construction minimizes Electromagnetic Interference (EMI), which is critical in compact laptop or server motherboards. * **Low DCR (DC Resistance):** Uses flat wire or heavy-duty copper windings to minimize power loss as heat. * **Construction:** Usually an iron powder core molded around a copper winding, providing high stability over a wide temperature range. --- ### 3. Applications The 121M4-R is generally used in DC-DC converters and power management modules. * **Voltage Regulator Modules (VRMs):** Found near CPUs and GPUs to smooth out power delivery. * **Industrial Computing:** Used in high-reliability embedded systems. * **Automotive Electronics:** (If AEC-Q200 qualified) Used in infotainment or driver assistance systems. * **Power Supplies:** Common in point-of-load (POL) converters. --- ### 4. Comparison Table: 121M vs. Others | Parameter | 121M (120µH) | 1R0M (1.0µH) | 470M (47µH) | | :--- | :--- | :--- | :--- | | **Inductance** | High | Very Low | Medium | | **Typical Use** | Low frequency filtering | High-speed switching | General purpose | | **Current Rating** | Lower | Very High | Moderate | ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating (Irms) for the 121M4-R?
    • ⤷ Which manufacturers produce the 121M4-R inductor?
    • ⤷ What are the physical dimensions of the 1104 series package?