データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 125LD20-R

  • AI
    ## Overview: 125LD20-R Ceramic Disc Capacitor The **125LD20-R** is a specific type of **Ceramic Disc Capacitor** manufactured by **Vishay Cera-Mite**. These components are widely used for general-purpose applications, particularly in power supplies, bypass circuits, and decoupling. --- ### 1. Key Technical Specifications Based on the standard nomenclature for the 125LD series, here are the primary electrical characteristics: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Ceramic Disc Capacitor | | **Series** | 125LD (Low Voltage Series) | | **Capacitance Value** | 0.02 µF (20,000 pF) | | **Voltage Rating** | 500 VDC (Standard for this series) | | **Tolerance** | ±20% (indicated by the 'M' often associated or standard series tolerance) | | **Temperature Coefficient** | Y5S or Y5U (General Purpose) | | **Mounting Type** | Through-hole (Radial Leads) | --- ### 2. Physical Construction The "125LD20-R" follows a specific physical structure common to Vishay components: * **Dielectric Material:** Class 2 Ceramic. This provides high volumetric efficiency but with some sensitivity to temperature changes. * **Coating:** Typically encapsulated in a flame-retardant epoxy resin (meeting UL 94 V-0 standards). * **Leads:** Tinned copper wire, usually available in straight or kinked configurations to assist in PCB mounting. * **RoHS Compliance:** The "-R" suffix usually denotes **RoHS Compliance**, meaning the part is lead-free and meets environmental safety standards. --- ### 3. Application Use Cases These parts are chosen for their reliability and high-voltage tolerance relative to their small size. 1. **Bypass Circuits:** Used to divert high-frequency noise to the ground in DC power lines. 2. **Coupling/Decoupling:** Blocking DC while allowing AC signals to pass between stages of an electronic circuit. 3. **Snubber Circuits:** Used in power electronics to suppress voltage spikes (transients) across switches or diodes. 4. **Consumer Electronics:** Found in televisions, monitors, and power adapters. --- ### 4. Part Number Breakdown Understanding the code helps in identifying substitutes: * **125LD:** Series identifier (Lower voltage, general-purpose ceramic). * **20:** Represents the capacitance value (20 = 0.02 microfarads). * **-R:** Indicates RoHS compliance. ---
    ✨ Follow-up Questions
    • ⤷ What is the temperature range for Y5S ceramic capacitors?
    • ⤷ Can this capacitor be used in AC line filtering applications?
    • ⤷ What are the common alternatives if the 125LD20-R is out of stock?