データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1292-R

  • AI
    The **1292-R** typically refers to a high-performance **Fiber Optic Receiver** module, commonly used in cable television (CATV) networks and Hybrid Fiber-Coaxial (HFC) systems. It is designed to convert optical signals back into Radio Frequency (RF) electrical signals. --- ### 1. Key Technical Specifications Below are the general electronic parameters associated with 1292-R receiver modules: | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Operating Wavelength** | 1200nm to 1620nm | Compatible with standard 1310nm and 1550nm fiber. | | **Frequency Range** | 45 MHz to 1000 MHz | Covers standard broadband and CATV frequencies. | | **Optical Input Power** | -8 dBm to +2 dBm | The range of light intensity the photodiode can process. | | **RF Output Level** | 20 to 30 dBmV | The strength of the electrical signal produced. | | **Impedance** | 75 $\Omega$ | Standard impedance for coaxial connections. | | **Power Consumption** | < 5 Watts | Low power draw for heat management. | --- ### 2. Core Electronic Components The 1292-R architecture consists of several critical stages: #### A. Optical-to-Electrical (O/E) Converter * **Photodiode:** Usually an InGaAs (Indium Gallium Arsenide) PIN photodiode that detects incoming photons and converts them into a proportional electrical current. #### B. Preamplifier & Gain Stage * **Low-Noise GaAs Hybrid:** Uses Gallium Arsenide technology to amplify the weak signal from the photodiode while maintaining a very low noise figure. * **Interstage Attenuator:** Allows for manual or automatic adjustment of signal strength to prevent distortion. #### C. Control & Monitoring * **LED Indicators:** Most units feature a "Tri-state" LED to show optical input status (Green for OK, Red for Low/High). * **Test Points:** Standard DC voltage test points (often 1V/mW) to measure optical power without interrupting the signal. --- ### 3. Functional Applications * **FTTC/FTTB:** Used in Fiber-to-the-Curb or Fiber-to-the-Building deployments to bridge fiber backbones to existing copper coaxial wiring. * **Narrowcast Reception:** Distributing specific digital services to smaller clusters of subscribers. * **Redundancy Switching:** Used in headends where a secondary receiver is needed if the primary link fails. --- ### 4. Installation Considerations 1. **Fiber Connector:** Usually utilizes **SC/APC** connectors (green) to minimize back-reflection. 2. **Powering:** Typically powered via a local DC adapter (12-15V) or via "Cable Power" (AC over the coaxial line). 3. **Heat Dissipation:** The rugged aluminum housing acts as a heatsink; ensure adequate airflow during mounting.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 1292-R and a standard ONT?
    • ⤷ How do you troubleshoot a 'Red' optical LED on this unit?
    • ⤷ What are the specific power supply requirements for the 1292-R?