データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 12AO2

  • AI
    Based on the part number provided, **12AO2** (often stylized as **12A02**) typically refers to a high-speed switching diode or a specific voltage regulator/transistor depending on the manufacturer's prefix. However, in the context of common SMD (Surface Mount Device) markings, it most frequently refers to a **Silicon Epitaxial Planar Diode** or a **Voltage Detector IC**. Below is a breakdown of the typical technical specifications associated with components marked "12A02." --- ### 1. General Specifications If the part is a standard switching diode (a common use for this marking), the typical parameters are: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Switching Diode / High-Speed Diode | | **Package Type** | SOT-23 / SOD-323 (SMD) | | **Max Forward Current ($I_F$)** | 100mA - 200mA | | **Reverse Voltage ($V_R$)** | 30V - 80V | | **Switching Speed ($t_{rr}$)** | < 4ns | | **Operating Temperature** | -55°C to +150°C | --- ### 2. Pinout Configuration For the most common **SOT-23** package housing these types of parts: 1. **Pin 1 (Anode):** Where current enters. 2. **Pin 2 (NC/No Connection):** Often left floating or unused in single-diode configurations. 3. **Pin 3 (Cathode):** Where current exits (marked with a line on the physical body). --- ### 3. Common Applications These electronic parts are integral to modern PCB design for the following reasons: * **Signal Rectification:** Converting small AC signals to DC. * **Reverse Polarity Protection:** Preventing damage if a battery or power source is connected backward. * **High-Speed Switching:** Used in digital logic circuits where fast transitions are required. * **Clamping Circuits:** Protecting sensitive IC inputs from voltage spikes (Electrostatic Discharge). --- ### 4. Identification Tips Because "12AO2" can be a specific manufacturer's date code or internal marking, it is important to verify the logo on the chip: * **Fairchild/ON Semi:** Often use this for fast switching diodes. * **Torex/Ricoh:** Use similar alphanumeric codes for Voltage Detectors (Reset ICs). * **Marking Code vs. Part Number:** The physical print "12A02" is the **Marking Code**, while the actual part number might be something like *BAV99* or *MMBD series* depending on the brand. ---
    ✨ Follow-up Questions
    • How can I verify if 12AO2 is a diode or a voltage regulator using a multimeter?
    • What are the common SMD package alternatives for this part?
    • Which manufacturers use the 12AO2 marking code most frequently?