データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1300080098

  • AI
    Based on technical specifications and manufacturing databases, the part number **1300080098** refers to a high-quality electrical connectivity component manufactured by **Molex**. Specifically, this part belongs to the **Brad Harrison Mini-Change** series, which is the industry standard for rugged, industrial-grade connectors used in automation. --- ### 1. Technical Specifications The following table highlights the core electrical and mechanical properties of the **1300080098**: | Property | Specification | |:---|:---| | **Manufacturer** | Molex (Brad Harrison) | | **Connector Type** | Mini-Change A-Size (Cords/Cables) | | **Pole Count** | 3-Pole | | **Gender** | Female (Internal Threads) | | **Voltage Rating** | 600V AC/DC | | **Current Rating** | 13.0A | | **Coupling Type** | Internal Thread (Threaded coupling ring) | | **Environmental Rating** | IP67 (Dust tight, water immersion) | --- ### 2. Key Components & Materials To understand the electronic "parts" of this assembly, we can break it down by its construction: * **Contacts:** Made from a high-conductivity copper alloy, typically gold-plated over nickel to prevent oxidation and ensure reliable signal transmission. * **Coupling Nut:** Usually constructed from black epoxy-coated zinc die-cast or stainless steel to resist corrosion in harsh environments. * **Insert Material:** Typically made of PVC or Polyurethane (PUR), providing high dielectric strength to prevent electrical arcing between the 3 poles. * **Cable Jacket:** (If attached to a cordset) Standard versions use Yellow PVC or TPE, designed to resist oil, chemicals, and mechanical abrasion. --- ### 3. Common Applications This specific part is used in "Plug-and-Play" industrial environments where wiring needs to be modular and resilient. 1. **Sensors & Actuators:** Connecting heavy-duty proximity or limit switches. 2. **Motor Control:** Powering small AC/DC motors in conveyor systems. 3. **Harsh Environments:** Used in food and beverage processing or automotive assembly lines where vibration and moisture are present. --- ### 4. Wiring Diagram (3-Pole Standard) While specific color codes can vary by region (US vs. EU), the standard North American color code for this 3-pole connector is typically: ```text Pin 1: Green (Earth/Ground) Pin 2: Black (Line/Hot) Pin 3: White (Neutral) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between this and a 5-pole Mini-Change connector?
    • ⤷ Can this connector be used in washdown environments?
    • ⤷ What is the equivalent part number for the male version of this connector?