データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1300Z-R2

  • AI
    The **1300Z-R2** is a specialized electronic component, typically identified as a **High-Voltage NPN Bipolar Power Transistor**. These components are specifically designed for high-speed switching applications and are commonly found in power management circuits. --- ### 1. Key Technical Specifications The "1300" series (specifically 13001 through 13009) is a standard family of power transistors. The **13007** or **13009** variants are the most common "1300Z" types used in the industry. | Parameter | Typical Value (13007/9 Series) | | :--- | :--- | | **Type** | NPN Bipolar Junction Transistor (BJT) | | **Max Collector-Emitter Voltage ($V_{CEO}$)** | 400V - 700V | | **Max Collector Current ($I_C$)** | 8A - 12A (Continuous) | | **Power Dissipation ($P_D$)** | 80W - 100W | | **Package Type** | TO-220 or TO-3P | | **Switching Speed** | High (Microseconds) | --- ### 2. Physical Construction and Pins The device is usually housed in a **TO-220** package, which features a metal tab for heat dissipation. 1. **Base (B):** Controls the flow of current between Collector and Emitter. 2. **Collector (C):** Connected to the positive supply or load (connected to the metal tab). 3. **Emitter (E):** Usually connected to the ground or negative rail. --- ### 3. Common Applications Due to its high voltage rating and fast switching capabilities, the 1300Z-R2 is primarily used in: * **Switching Mode Power Supplies (SMPS):** Used as the primary switching element to convert AC to DC. * **Electronic Ballasts:** Found in compact fluorescent lamps (CFL) and LED drivers. * **DC-DC Converters:** Managing voltage transitions in industrial electronics. * **Motor Controllers:** Providing PWM (Pulse Width Modulation) control for high-voltage DC motors. --- ### 4. Safety and Operation Notes * **Heat Sinking:** Because these transistors handle significant power, they generate substantial heat. A **heatsink** and thermal paste are required for stable operation. * **Reverse Voltage Protection:** These transistors often require a "freewheeling diode" across the load to prevent back-EMF damage during switching. * **Saturation Voltage:** At high currents, ensure the base drive is sufficient to minimize $V_{CE(sat)}$, which reduces power loss.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 13007 and 13009 variants?
    • ⤷ How do I test a 1300Z transistor using a multimeter?
    • ⤷ What are the common failure modes for high-voltage NPN transistors?