データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1306F-R12K

  • AI
    The **1306F-R12K** is a high-performance electronic component, specifically a **Fixed Inductor** (Choke) belonging to the 1300 series. These are typically used in power supply applications, filtering, and energy storage. Below is a detailed breakdown of its electronic specifications and characteristics. --- ## 1. Technical Specifications The "1306F-R12K" alphanumeric code defines the physical size, inductance value, and tolerance. | Parameter | Specification | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Choke | | **Inductance** | 0.12 µH (Microhenries) | | **Tolerance** | ±10% (K denotes 10%) | | **Series** | 1306 (Refers to standard dimensions) | | **Mounting Type** | Surface Mount (SMD) | | **Core Material** | Usually Ferrite or Carbonyl Iron | --- ## 2. Key Electronic Characteristics ### A. Inductance (R12K) The "R12" represents the decimal point for the value. * **R12** = 0.12 * **K** = Tolerance of ±10%. In high-frequency circuits, this low inductance value is critical for fast switching speeds and minimal latency in power delivery. ### B. High Current Handling Because this is a power inductor, it is designed to handle significant **Saturation Current (Isat)**. This is the point where the inductance drops by a specific percentage (usually 20-30%) due to magnetic saturation of the core. ### C. Low DC Resistance (DCR) To minimize energy loss as heat (Power Loss = $I^2R$), these parts are engineered with very low DC resistance. This increases the overall efficiency of the power converter. --- ## 3. Common Applications Due to its low inductance (0.12 µH), the 1306F-R12K is typically found in high-speed, high-efficiency electronic environments: 1. **DC-DC Converters:** Used in Step-down (Buck) or Step-up (Boost) regulators. 2. **Voltage Regulator Modules (VRMs):** Found on computer motherboards and graphics cards (GPUs) to manage power for processors. 3. **Noise Filtering:** Acting as a low-pass filter to block high-frequency electromagnetic interference (EMI). 4. **Telecommunications:** In high-frequency base stations and signal processing hardware. --- ## 4. Physical Construction * **Shielding:** Most 1306F series inductors are **Shielded**. This means the magnetic field is contained within the component, preventing interference with neighboring sensitive electronic parts. * **Termination:** Features lead-free (RoHS compliant) solder pads designed for reflow soldering processes.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the 1306F series?
    • ⤷ How does the 'Saturation Current' affect its performance in a DC-DC converter?
    • ⤷ What are the physical dimensions of a 1306 package?