データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1306F-R12M

  • AI
    The **1306F-R12M** is a high-current, surface-mount (SMD) power inductor, commonly used in automotive and industrial electronic power circuits. It belongs to a class of shielded inductors designed for high reliability and efficiency. --- ## Technical Specifications The following table outlines the typical characteristics of the 1306F-R12M series: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.12 µH (Microhenries) | | **Tolerance** | ±20% (Standard for "M" suffix) | | **Current Rating (Isat)** | ~40A - 60A (Varies by manufacturer) | | **DC Resistance (DCR)** | Extremely Low (typically < 1.0 mΩ) | | **Package Size** | ~13.5mm x 12.5mm x 6.0mm | | **Operating Temp** | -40°C to +125°C or +155°C | | **Shielding** | Magnetic Shielding (Low EMI) | --- ## Key Features ### 1. High Saturation Current The "R12" represents the low inductance value (0.12µH), which allows the component to handle very high saturation currents ($I_{sat}$). This ensures the inductor does not lose its properties even under heavy electrical loads. ### 2. Low DCR (DC Resistance) Because the resistance of the internal copper winding is exceptionally low, power loss due to heat ($I^2R$ loss) is minimized. This leads to higher energy efficiency in power conversion. ### 3. Magnetic Shielding The core is usually made of a metal alloy powder or ferrite that is molded around the coil. This "shielding" prevents electromagnetic interference (EMI) from affecting nearby sensitive components on the PCB. --- ## Common Applications These parts are typically found in high-performance power management modules: * **Voltage Regulator Modules (VRMs):** Found on high-end computer motherboards and server CPUs. * **DC/DC Converters:** Used to step down voltages in automotive electronics (Infotainment, ADAS). * **Battery Management Systems (BMS):** Handling high-current charging/discharging cycles. * **GPU Power Stages:** Providing stable current to high-wattage graphics processors. --- ## Comparison with Similar Parts ```json { "Part_Number": "1306F-R12M", "Competitor_Cross": [ "Bourns SRP1265A-R12M", "Vishay IHLP5050FD-01", "Wurth WE-LHMI 7443734" ] } ```
    ✨ Follow-up Questions
    • ⤷What is the difference between R12M and R22M in this series?
    • ⤷ How does the 'M' suffix affect the tolerance of the inductor?
    • ⤷ Which manufacturers currently produce the 1306F-R12M equivalents?