データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1306F-R27J

  • AI
    The **1306F-R27J** is a surface-mount (SMD) power inductor commonly used in automotive, industrial, and consumer electronics. It is part of the "1306" series, which refers to its physical dimensions. ### 1. Technical Specifications The following table outlines the primary electrical and physical characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.27 µH | | **Tolerance** | ±5% (indicated by 'J') | | **Series** | 1306F (Flat wire / High current) | | **DC Resistance (DCR)** | Very Low (typically < 1.0 mΩ) | | **Current Rating (Irms)** | High (typically 30A - 50A depending on manufacturer) | | **Operating Temp** | -40°C to +125°C | | **Construction** | Shielded, Ferrite Core | --- ### 2. Part Number Breakdown Understanding the alphanumeric code helps in identifying the specific properties: * **1306**: Represents the physical size (Dimensions: ~13.5mm x 13.0mm). The "06" often refers to the height (~6.0mm). * **F**: Usually denotes a **Flat Wire** construction, which reduces skin effect and allows for higher current handling in a smaller footprint. * **R27**: Represents the inductance value. The "R" acts as a decimal point. **R27 = 0.27 µH**. * **J**: Represents the tolerance. **J = ±5%**. --- ### 3. Key Features and Applications The 1306F-R27J is designed for high-efficiency power conversion. Because 0.27 µH is a very low inductance value, it is optimized for high-frequency switching. #### Key Features: * **High Saturation Current:** It can handle large surges of current without the magnetic core losing its inductive properties. * **Low DCR:** The use of flat copper wire minimizes energy loss as heat. * **Magnetic Shielding:** Reduces Electromagnetic Interference (EMI) with surrounding components. #### Common Applications: 1. **Voltage Regulator Modules (VRMs):** Found on computer motherboards and GPU power phases. 2. **DC/DC Converters:** Used in "Buck" converters to step down voltage. 3. **Automotive ECU:** Powering sensors and processors in vehicle control units. 4. **High-Current Power Supplies:** For telecommunications and server equipment. --- ### 4. Footprint and Mounting This is an **SMD (Surface Mount Device)** component. It features large solder pads on the bottom to ensure a strong mechanical bond and low electrical resistance to the PCB (Printed Circuit Board).
    ✨ Follow-up Questions
    • ⤷What is the difference between flat wire and round wire inductors?
    • ⤷ How does the 'J' tolerance affect circuit performance compared to 'M' tolerance?
    • ⤷ What are the typical manufacturers for the 1306F series?