データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1306F-R33M

  • AI
    The **1306F-R33M** is an electronic component known as a **Fixed Inductor** (specifically a Surface Mount Device or SMD Power Inductor). These parts are critical for managing power flow, filtering noise, and storing energy in DC-DC converters. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify its specific physical and electrical characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **1306** | Physical Size | Dimensions (approx. 13mm x 13mm base) | | **F** | Package Style | Often denotes a Ferrite core or specific shielding style | | **R33** | Inductance Value | **0.33 microHenries (µH)** | | **M** | Tolerance | **±20%** (Industry standard for power inductors) | --- ### 2. Technical Specifications While exact specs can vary slightly by manufacturer (such as Pulse, Bourns, or generic brands), the general parameters for a 1306F-R33M are: * **Inductance:** 0.33 µH. * **Current Rating (Irms):** Typically high, often ranging between **15A to 30A** depending on the height of the part. * **Saturation Current (Isat):** The point where inductance drops by a certain percentage; usually very high for R33 values. * **DC Resistance (DCR):** Extremely low (often < 2mΩ) to minimize power loss as heat. * **Operating Temperature:** Generally -40°C to +125°C. --- ### 3. Key Features * **Magnetic Shielding:** Most "F" series inductors are shielded to prevent Electromagnetic Interference (EMI) from affecting nearby components. * **High Frequency:** Designed to operate efficiently in high-frequency switching power supplies. * **Flat Wire Technology:** Many inductors in this size category use flat copper wire to reduce the "skin effect" and lower resistance. --- ### 4. Common Applications These inductors are typically found in high-current power circuits: 1. **Voltage Regulator Modules (VRMs):** Found on computer motherboards and server cards. 2. **DC-DC Converters:** Stepping down voltage for CPUs or GPUs. 3. **Solar Inverters:** Managing energy storage and filtering. 4. **Automotive Electronics:** Powering infotainment or ADAS systems. --- ### 5. Schematic Representation In a circuit diagram, it is represented by the standard inductor symbol ($L$): ```text L1 (1306F-R33M) ----(nnnn)---- 0.33uH ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a shielded and unshielded inductor?
    • ⤷ How do I calculate if the 1306F-R33M can handle my circuit's peak current?
    • ⤷ Which manufacturers are the primary producers of the 1306 series?