データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1306F-R68J

  • AI
    ## Technical Overview: 1306F-R68J The **1306F-R68J** is a high-performance **Surface Mount Device (SMD) Power Inductor**. Parts with this nomenclature typically belong to the family of high-current, molded power inductors used primarily in power management modules and DC-DC converters. --- ### 1. Key Technical Specifications Based on standard industry naming conventions for these components, here are the likely technical parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 0.68 µH (Microhenries) | | **Tolerance** | ±5% (indicated by the 'J' suffix) | | **Package Size** | 13.5mm x 12.6mm (Approx. 1306 footprint) | | **DCR (Direct Current Resistance)** | Very Low (typically < 2.0 mΩ) | | **Saturation Current (Isat)** | High (often 25A to 50A depending on height) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Part Number Breakdown Understanding the alphanumeric code helps in identifying the component's characteristics: * **1306**: Refers to the physical dimensions. Usually, this means approximately **13mm x 13mm** with a height specified by the manufacturer (often 6mm). * **F**: Often denotes the series or the material type (e.g., Ferrite or Composite). * **R68**: The Inductance value. The "R" acts as a decimal point. **R68 = 0.68 µH**. * **J**: The tolerance code. **J** stands for **±5%**. --- ### 3. Construction and Material These inductors are generally constructed using: 1. **Magnetic Metal Powder Core:** This provides a "soft saturation" characteristic, meaning the inductance doesn't drop off instantly when the current increases. 2. **Molded Structure:** The wire is placed inside a mold, and the powder is pressed around it. This minimizes acoustic noise (buzzing) and provides excellent EMI shielding. 3. **Flat Wire Technology:** Many 1306 series parts use flat copper wire to maximize cross-sectional area, reducing DCR and increasing efficiency. --- ### 4. Common Applications Due to its high current handling and low inductance, the 1306F-R68J is ideal for: * **Voltage Regulator Modules (VRM):** Used in high-end motherboards and servers. * **DC-DC Converters:** Specifically "Buck" converters that step down voltage. * **Graphic Cards (GPU):** Powering high-draw processing units. * **Distributed Power Systems:** Providing clean power to FPGAs and ASICs. --- ### 5. Benefits * **Compact Footprint:** High power density for PCB space-constrained designs. * **Low Core Loss:** Optimized for high-frequency switching. * **EMI Shielded:** The molded design naturally contains the magnetic field, reducing interference with nearby components. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between R68J and R68M in terms of tolerance?
    • ⤷ What is the maximum current rating for the 1306F series?
    • ⤷ Can this inductor be used in automotive applications?