データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 132-R

  • AI
    The **132-R** typically refers to a high-speed, high-voltage switching diode (part of the **BAV132** or **1N4148** series derivatives, depending on the manufacturer) or a specific resistor networking code. However, in the context of power electronics and automotive parts, it most commonly refers to the **132 series voltage regulator components** or **BAV132 diodes**. Below is a breakdown of the technical specifications and characteristics commonly associated with this electronic part. --- ### 1. General Specifications If referring to the **BAV132-R** (High-speed Switching Diode): | Parameter | Value (Approximate) | | :--- | :--- | | **Type** | Switching Diode | | **Max Reverse Voltage ($V_R$)** | 100V | | **Forward Current ($I_F$)** | 200mA - 300mA | | **Reverse Recovery Time ($t_{rr}$)** | < 4ns - 6ns | | **Package Type** | SOD-123 / SOT-23 / DO-35 | | **Operating Temperature** | -65°C to +150°C | --- ### 2. Key Features * **High-Speed Switching:** Designed for ultra-fast response times, making it ideal for high-frequency signal processing. * **Low Capacitance:** Minimizes signal distortion in communication circuits. * **Hermetic Sealing:** If in a glass package (DO-35), it provides excellent environmental protection. * **Surface Mount Compatibility:** Modern versions (R suffix) often denote "Reel" packaging for automated SMT (Surface Mount Technology) assembly. --- ### 3. Applications The 132-R series components are generally found in the following environments: 1. **Signal Logic:** Used in digital circuits to ensure one-way current flow without delaying the signal. 2. **Rectification:** Converting small AC signals to DC in telecommunication devices. 3. **Clamping/Protection:** Protecting sensitive IC pins from voltage spikes or "ringing" in inductive loads. 4. **Automotive Systems:** Often used in ECU (Engine Control Unit) modules for sensor signal conditioning. --- ### 4. Alternative Identification If "132-R" is found on a **Resistor**: * The "R" often acts as a decimal point. * **Example:** `132-R` could represent **13.2 Ohms**. * In precision resistors, the code might follow the **EIA-96** marking system, where "132" corresponds to a specific value on the logarithmic scale. --- ### 5. Schematic Symbol and Pinout ```text Anode (1) Cathode (2) | | +------|>|---------+ (Diode) ```
    ✨ Follow-up Questions
    • ⤷ Is the 132-R you are looking for a diode
    • ⤷ a resistor
    • ⤷ or a voltage regulator?
    • ⤷ What is the specific package type (e.g.
    • ⤷ SOT-23
    • ⤷ TO-92
    • ⤷ or SMD)?
    • ⤷ Can you provide the manufacturer name printed on the component?