データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 135P-R005

  • AI
    The **135P-R005** is a specialized precision electronic component, typically categorized as a **Precision Wirewound Resistor** or a **Current Sense Resistor**, depending on the specific manufacturer series (commonly associated with brands like Ohmite or specialized military-grade suppliers). Below is a detailed breakdown of its technical characteristics and functions. --- ### 1. Technical Specifications The part number "R005" typically denotes the resistance value using the standard R-decimal notation. | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Precision Wirewound Resistor | | **Resistance Value** | 0.005 $\Omega$ (5 m$\Omega$) | | **Tolerance** | $\pm$0.1% to $\pm$1% (Series dependent) | | **Mounting Type** | Through-hole (Radial or Axial) | | **Material** | Manganin or NiCr Alloy wire | | **Operating Temp** | -55°C to +125°C or higher | --- ### 2. Key Features * **Ultra-Low Resistance:** At 0.005 Ohms, this part is designed to have negligible impact on the circuit's total impedance while allowing for precise voltage measurement. * **High Stability:** Wirewound construction offers superior Temperature Coefficient of Resistance (TCR), meaning the resistance value stays stable even as the part heats up. * **Inductance Management:** High-quality versions (like the 135P series) are often wound non-inductively to perform well in high-frequency or switching applications. * **Power Handling:** These are built to withstand high current surges without drifting in value. --- ### 3. Common Applications Due to its low resistance and high precision, the 135P-R005 is primarily used for **Current Sensing**. 1. **Current Shunts:** It acts as a "shunt" where a small voltage drop is measured across the resistor to determine the amount of current flowing through a circuit ($V = I \times R$). 2. **Power Supplies:** Used in feedback loops to monitor and regulate output current. 3. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in high-capacity battery packs. 4. **Motor Controllers:** Providing real-time current data to prevent over-current conditions and protect the motor. --- ### 4. Identification Code Breakdown If we break down the typical nomenclature: * **135P:** The Series/Package identifier (Standardized precision wirewound package). * **R005:** The Resistance value. The 'R' acts as a decimal point. * $R005 = 0.005\ \Omega$ * $R050 = 0.050\ \Omega$ * $5R00 = 5.000\ \Omega$
    ✨ Follow-up Questions
    • ⤷ What is the maximum power rating for the 135P series resistors?
    • ⤷ How does the TCR (Temperature Coefficient) affect current sensing accuracy?
    • ⤷ Can this resistor be used in AC circuits or only DC?