データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 135R-R005

  • AI
    The **135R-R005** is a specialized electronic component, typically classified as a **Precision Current Sensing Resistor** or a **Shunt Resistor**. It is designed to measure current flow by creating a very small, predictable voltage drop across its terminals. --- ## 1. Technical Specifications The part number "R005" is a standard nomenclature in electronics indicating the resistance value. | Parameter | Description | | :--- | :--- | | **Component Type** | Current Sense Resistor (Fixed) | | **Resistance Value** | 0.005 $\Omega$ (or 5 m$\Omega$) | | **Tolerance** | Usually $\pm$1% or $\pm$5% (depending on the specific series) | | **Power Rating** | Varies by package (typically 1W to 5W) | | **Material** | Metal Element / Metal Strip | --- ## 2. Key Characteristics ### A. Low Ohmic Value At **5 milliohms (0.005$\Omega$)**, this resistor is designed to sit in the path of a circuit without significantly hindering the current flow. Its primary job is not to limit current, but to "watch" it. ### B. Precision and Stability Because it is used for measurement, these parts usually have a low **Temperature Coefficient of Resistance (TCR)**. This ensures that the resistance value doesn't change significantly as the part heats up due to current flow. ### C. Metal Strip Construction Most "R005" parts use a solid metal element rather than a film. This allows for higher surge capabilities and better heat dissipation. --- ## 3. How it Works (Ohm’s Law) In a circuit, the 135R-R005 is placed in series with the load. To find the current ($I$), a microcontroller or sense amplifier measures the voltage ($V$) across the resistor: $$V = I \times R$$ **Example:** If you measure a voltage drop of **0.05V** across the 135R-R005: $$I = \frac{0.05V}{0.005\Omega} = 10 \text{ Amperes}$$ --- ## 4. Typical Applications * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Lithium batteries. * **Motor Control:** Detecting stalls or over-current conditions in DC motors. * **Power Supplies:** Implementing current limiting or feedback loops. * **Automotive Electronics:** Sensing current in 12V/24V power rails. --- ## 5. Equivalent Replacement Guide If sourcing a replacement, ensure the following parameters match or exceed the original: 1. **Package Size:** (e.g., 1206, 2512, or Through-hole). 2. **Wattage:** Do not use a lower wattage rating than the original. 3. **TCR:** Ensure the replacement is stable enough for your measurement accuracy requirements.
    ✨ Follow-up Questions
    • ⤷ What is the physical package size or footprint of your specific 135R-R005 part?
    • ⤷ Do you need help calculating the power dissipation for this resistor at a specific current?
    • ⤷ Are you looking for a specific manufacturer's datasheet for this part number?