データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 135R-R012

  • AI
    The **135R-R012** typically refers to a high-precision, current-sensing resistor or a specific thermal sensor component depending on the manufacturer (most commonly associated with **Isabellenhütte** or similar precision component makers). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications This component is engineered for applications requiring high stability and low resistance values. | Parameter | Typical Value | Notes | | :--- | :--- | :--- | | **Resistance Value** | 0.012 $\Omega$ (12 m$\Omega$) | Indicated by "R012" | | **Tolerance** | $\pm$ 1% to $\pm$ 5% | Depends on specific sub-series | | **Power Rating** | 1W - 5W | Varies based on mounting/heatsinking | | **Temperature Coefficient** | < 50 ppm/K | High stability over temperature changes | | **Technology** | Metal Foil / Manganin | Low inductance design | --- ## 2. Key Features * **Low Ohmic Value:** At 12 milliohms, it is designed to minimize power loss while allowing for accurate current measurement. * **High Pulse Power:** Capable of withstanding short-term overloads, making it ideal for motor starts or capacitive charging. * **Low Inductance:** The physical construction (usually flat-planer) ensures it can be used in high-frequency switching environments without significant signal distortion. * **Thermal Stability:** Uses specialized alloys like Manganin to ensure the resistance does not drift significantly as the part heats up. --- ## 3. Common Applications The 135R-R012 is primarily used for **Current Sensing** (Shunt Resistors). 1. **Battery Management Systems (BMS):** Monitoring the charge and discharge rates of Lithium-ion packs. 2. **Power Inverters:** Used in the feedback loop to control current flow in DC-AC conversion. 3. **Automotive Electronics:** Monitoring current for electric power steering or ABS systems. 4. **Industrial Controls:** Overcurrent protection and precision motor control. --- ## 4. Part Number Breakdown While manufacturer codes vary slightly, the standard nomenclature for this part usually follows this logic: * **135R:** The Series/Size designation (Physical dimensions and housing type). * **-:** Divider. * **R012:** The Resistance value. The "R" acts as a decimal point ($0.012$ Ohms). ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current capacity for a 12mOhm resistor at 3 Watts?
    • ⤷ How does temperature coefficient affect current sensing accuracy?
    • ⤷ What are the recommended mounting techniques for R012 shunt resistors?