データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 135X-R005

  • AI
    Based on the part number **135X-R005**, this component is typically identified as a **high-precision, metal foil current sensing resistor**. These parts are frequently manufactured by companies like **Viking Tech** or **Isabellenhütte** and are designed for applications requiring extreme stability and low resistance values. --- ### 1. Key Technical Specifications The "R005" suffix specifically denotes the resistance value in ohms. | Feature | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 0.005 $\Omega$ (5 m$\Omega$) | Very low resistance for minimal power loss. | | **Material** | Metal Foil / Alloy | Provides superior thermal stability compared to thick film. | | **Tolerance** | $\pm0.5\%$ to $\pm1\%$ | High precision for accurate current measurement. | | **Power Rating** | Typically 1W - 3W | Depends on the specific package size (e.g., 2512). | | **TCR** | $\pm50$ to $\pm100$ ppm/°C | Low Temperature Coefficient of Resistance. | --- ### 2. Functional Breakdown The part functions as a **Shunt Resistor**. It is placed in series with a load to measure the current flowing through a circuit. * **Ohm's Law Application:** By measuring the small voltage drop ($V$) across the 0.005 $\Omega$ resistor ($R$), a controller can calculate the current ($I$) using $I = V / R$. * **Heat Dissipation:** Because it handles high current, the "135X" series is built with materials that can withstand high temperatures without shifting in resistance value. --- ### 3. Common Applications Due to its low resistance and high precision, it is found in: * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Lithium batteries. * **DC-DC Converters:** Providing feedback loops for power regulation. * **Motor Control:** Detecting overcurrent conditions in industrial motors. * **Automotive Electronics:** Used in electronic power steering and braking systems. --- ### 4. Component Marking Decoder The part number can usually be broken down as follows: | Segment | Meaning | | :--- | :--- | | **135X** | Series/Model designation (Package size and material type). | | **R** | Decimal point placeholder. | | **005** | Numerical value (0.005). |
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity for a 135X-R005 resistor?
    • ⤷ How does a metal foil resistor differ from a standard thick film resistor?
    • ⤷ What are the recommended soldering footprints for the 135X series?