データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 14-R

  • AI
    The term **14-R** typically refers to specific electronic components or industrial modules, most commonly associated with **14-Pin Relays**, **Resistor Networks**, or specific **Microcontroller Packages**. Below is a breakdown of the most common electronic parts identified by the "14-R" designation. --- ### 1. 14-Pin Industrial Relays (14-R) In industrial automation (PLC systems), "14-R" often refers to the physical configuration of an electromagnetic relay. These are used for switching high-voltage circuits using a low-voltage signal. | Feature | Description | | :--- | :--- | | **Pin Count** | 14 Pins (8 for contacts, 2 for coil, 4 for changeover) | | **Contact Form** | Usually 4PDT (4 Pole, Double Throw) | | **Common Use** | Control panels, safety interlocking, and signal isolation | | **Mounting** | Typically fits into a 14-pin DIN rail socket (e.g., PYF14A) | ### 2. Resistor Networks (14-Pin R-Network) In PCB design, "14-R" can refer to a **DIP (Dual In-line Package)** containing a series of resistors integrated into one chip. * **Bussed Configuration:** 13 resistors with one common pin. * **Isolated Configuration:** 7 individual resistors. * **Purpose:** Used for pull-up or pull-down resistors in digital logic circuits to save board space. ### 3. Surface Mount Device (SMD) Coding If "14-R" is printed on a small SMD component, it usually indicates a resistance value or a specific manufacturing batch: * **14R:** Represents a resistance of **14 Ohms**. * **14-R (Package):** May refer to a "SOIC-14" or "TSSOP-14" package layout (14-pin rectangular chips). --- ### Comparison of 14-R Component Types | Component Category | Physical Form | Primary Function | | :--- | :--- | :--- | | **Electromechanical** | Large plastic cube with pins | High-power switching | | **Passive Component** | Small black strip or chip | Voltage division / Current limiting | | **Integrated Circuit** | Flat chip with side leads | Logic processing or signal routing | --- ### Technical Identification Tips To identify your specific "14-R" part, check the following: 1. **The Manufacturer Logo:** Look for brands like Omron, Bourns, or Texas Instruments. 2. **The Prefix/Suffix:** A part labeled `MY4N-14-R` is a relay; a part labeled `4114R` is a resistor network. 3. **The Footprint:** Measure the distance between pins. 2.54mm pitch usually indicates through-hole components (DIP).
    ✨ Follow-up Questions
    • ⤷What is the wiring diagram for a 14-pin relay?
    • ⤷ How do I calculate the resistance of a 14R SMD resistor?
    • ⤷ What are the common voltage ratings for 14-R industrial relays?