データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 14-RSC341D1A23

  • AI
    The part number **14-RSC341D1A23** refers to a high-quality **Rocker Switch** manufactured by **E-Switch**. It is part of the RSC series, known for its high power rating and aesthetic design. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | E-Switch | | **Series** | RSC Series | | **Circuit Function** | SPST (Single Pole Single Throw) | | **Switch Function** | Off-On | | **Current Rating** | 20A 125VAC / 15A 250VAC | | **Termination Style** | 6.3mm Quick Connect / Solder Lug | | **Actuator Type** | Rectangular Rocker | | **Illumination** | Non-Illuminated | | **Mounting Type** | Panel Mount, Snap-In | --- ### Component Breakdown 1. **SPST Configuration**: This is a basic On/Off switch. It controls a single circuit and has two positions. 2. **High Amperage**: Rated at 20 Amps, this switch is designed for heavy-duty applications that require significant current handling without overheating. 3. **Snap-In Mounting**: The housing features plastic "ears" or "wings" that allow it to be pushed directly into a rectangular panel cutout (typically $12.1 \text{mm} \times 27.2 \text{mm}$) without the need for screws. 4. **Housing Material**: Typically made from Polyamide (Nylon) with a UL94 V-2 flammability rating. ### Common Applications * **Industrial Equipment**: Control panels for machinery. * **Appliances**: Vacuum cleaners, heaters, and power tools. * **Power Supplies**: Main power disconnect for electronic enclosures. * **Medical Equipment**: On/Off switches for diagnostic devices. ### Electrical Connections The terminals are standard **Quick Connect** tabs. In a typical wiring scenario: * **Line (Input):** Connected to one terminal. * **Load (Output):** Connected to the second terminal. * When the rocker is pressed to the "On" position, the internal contacts bridge these two terminals.
    ✨ Follow-up Questions
    • ⤷What is the standard panel cutout size for the RSC series?
    • ⤷ Can this switch be used for DC applications
    • ⤷ and at what rating?
    • ⤷ Does E-Switch offer an illuminated version of this model?