データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 14-RV

  • AI
    The term **14-RV** typically refers to a standard classification for **Metal Oxide Varistors (MOV)**, specifically those with a **14mm** disk diameter. These are critical protection components used in power supplies and electronic circuits. --- ## 1. What is a 14-RV Varistor? A varistor is a voltage-dependent resistor with a non-linear variable resistance. The "14" signifies the physical size (14mm diameter), which determines the component's power handling capability and surge current capacity. ### Key Specifications | Feature | Description | | :--- | :--- | | **Material** | Metal Oxide (typically Zinc Oxide) | | **Diameter** | 14mm (Medium-sized for general electronics) | | **Function** | Protects against voltage spikes and surges | | **Response Time** | Fast (usually < 25 nanoseconds) | --- ## 2. How it Works In a circuit, the 14-RV component acts as an open circuit (high resistance) during normal operating voltages. When a high-voltage spike occurs (like lightning or a power surge): 1. The resistance of the 14-RV drops instantly. 2. The excess current is shunted through the varistor. 3. The voltage is "clamped" to a safe level, protecting sensitive downstream components. ### Diagram of Operation ```text Voltage < Threshold ==> High Resistance (Off) Voltage > Threshold ==> Low Resistance (Conducting Surge) ``` --- ## 3. Common Applications Because the 14mm size is a "sweet spot" between compact size and high energy absorption, it is found in: * **Power Supplies:** Used in AC input stages to protect against grid spikes. * **Consumer Electronics:** TVs, computers, and chargers. * **Industrial Equipment:** Control boards and motor starters. * **Smart Meters:** Protecting measurement circuits. --- ## 4. Selection Criteria When looking for a 14-RV part, you must check the suffix (e.g., 14D471K). Here is how to decode common markings: | Part Segment | Meaning | Example | | :--- | :--- | :--- | | **14** | Disk Diameter | 14mm | | **D** | Shape | Disk | | **471** | Varistor Voltage | 47 x 10^1 = 470V | | **K** | Tolerance | ±10% | --- ## 5. Failure Modes Varistors degrade over time after multiple surge events. * **Thermal Runaway:** If the varistor handles too many surges, it may overheat and crack. * **Short Circuit:** Upon total failure, they often fail as a short circuit, which should ideally trigger a fuse to disconnect the power.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 14-RV and a 10-RV varistor?
    • ⤷ How do I test if a 14-RV varistor is still functional using a multimeter?
    • ⤷ Can a 14-RV be used in DC circuits as well as AC?