データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 14N-R

  • AI
    The designation **14N-R** most commonly refers to a specific type of **Metal Oxide Varistor (MOV)**, a critical electronic component used for surge protection. The alphanumeric code typically breaks down into the disc size, the material type, and the tolerance/packaging. --- ### 1. What is a 14N-R Varistor? A varistor is a voltage-dependent resistor with a symmetrical voltage-current characteristic. Its primary function is to protect sensitive electronic circuits against voltage surges (like lightning strikes or switching spikes) by clamping the voltage to a safe level. ### 2. Specification Breakdown While specific manufacturers (like BrightKing or Helist) may have slight variations, the code generally follows this logic: | Part Segment | Meaning | Details | | :--- | :--- | :--- | | **14** | Disc Diameter | Represents a **14mm** diameter ceramic disc. | | **D** (Implied) | Shape | Standard "D" for Disc shape. | | **N** | Voltage Tolerance | Usually indicates a **±10%** varistor voltage tolerance. | | **-R** | Compliance | Stands for **RoHS Compliant** (Lead-free/Green). | ### 3. Key Technical Characteristics If you are looking at a standard 14N series (e.g., 14N471K), the technical specs usually fall into these ranges: * **Fast Response Time:** Typically < 25 nanoseconds. * **High Current Handling:** 14mm varistors can usually handle peak surge currents between **4,500A and 6,000A**. * **Operating Temperature:** Generally rated for -40°C to +85°C. * **Energy Absorption:** Measured in Joules (J); 14mm discs offer moderate energy dissipation suitable for household appliances and industrial power supplies. --- ### 4. Common Applications The 14N-R series is widely used in "front-end" power protection: 1. **Power Supplies (SMPS):** Protecting the AC input from grid spikes. 2. **Home Appliances:** Used in refrigerators, washing machines, and TVs. 3. **Telecommunications:** Protection for line cards and modems. 4. **Smart Meters:** Ensuring longevity against outdoor electrical noise. ### 5. Symbol and Identification In a circuit diagram, it is represented by a resistor symbol with a diagonal line and a "V" or by two back-to-back Zener diodes. On a PCB, it is often labeled as **MOV**, **VDR**, or **RV**. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a 14mm and a 20mm varistor?
    • ⤷ How do I choose the correct voltage rating for a 14N series varistor?
    • ⤷ Can a varistor be reused after a major power surge?