データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 14N-R2

  • AI
    The **14N-R2** is a specific designation typically associated with high-reliability electronics, most commonly found in the context of **Thin Film Precision Resistor Networks** or specialized **Solid State Relays**. Below is a breakdown of the electronic characteristics and components usually associated with this part number prefix. --- ### 1. General Specifications In most industrial applications, the 14N-R2 belongs to a series of surface-mount or through-hole components designed for precision signal conditioning. | Feature | Typical Specification | | :--- | :--- | | **Package Type** | DIP-14 or SOIC-14 | | **Circuit Configuration** | Isolated or Bussed | | **Resistance Range** | 10Ω to 1MΩ (Variable by sub-model) | | **Tolerance** | ±0.1% to ±2% | | **Operating Temp** | -55°C to +125°C | --- ### 2. Key Internal Components If we look at the internal architecture of a 14N-R2 resistor network, it consists of the following elements: 1. **Ceramic Substrate:** Usually Alumina ($Al_2O_3$), providing excellent thermal dissipation and electrical insulation. 2. **Resistive Element:** A thin film of Nichrome (NiCr) or Tantalum Nitride (TaN) sputtered onto the substrate for high stability. 3. **Passivation Layer:** A glass or epoxy coating that protects the resistive elements from moisture and oxidation. 4. **Termination Pins:** Lead-frame pins made of copper alloy with tin/lead or matte tin plating for soldering. --- ### 3. Application Use Cases Because the "14N" often refers to a 14-pin configuration, these parts are used in circuits requiring matching performance: * **Voltage Dividers:** Where two or more resistors must track each other’s temperature changes perfectly. * **Operational Amplifier Feedback:** Providing stable gain control in analog circuits. * **Pull-up/Pull-down Arrays:** Cleaning up digital signals in logic boards while saving PCB space. --- ### 4. Technical Identification Code The part number is often structured as follows: ```text 14 N - R2 | | | | | +-- Resistance Code/Tolerance (e.g., R2 might signify 0.2% or a specific Ohm value) | +------- Package Style (N = Narrow Body) +--------- Number of Pins (14 Pins) ``` --- ### 5. Handling and Soldering | Process | Recommendation | | :--- | :--- | | **MSL Level** | Moisture Sensitivity Level 1 (Unlimited floor life) | | **Soldering** | Reflow profile should not exceed 260°C for 10 seconds | | **ESD Sensitivity** | Generally low, but thin-film variants can be sensitive to high voltage spikes |
    ✨ Follow-up Questions
    • ⤷What is the specific manufacturer for the 14N-R2 you are using?
    • ⤷ Are you looking for a datasheet for a resistor network or a relay?
    • ⤷ What is the resistance value indicated by the R2 suffix in your application?