データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 14V1-R

  • AI
    Based on technical specifications for electronic components, **14V1-R** typically refers to a **Metal Oxide Varistor (MOV)**, often part of the **V1 series** manufactured by companies like Littelfuse or other electronic component specialists. --- ### 1. Component Overview A varistor is a voltage-dependent resistor. Its primary function is to protect sensitive electronic circuits against voltage surges and spikes (such as lightning or inductive load switching). | Feature | Specification Details | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Diameter** | 14mm (indicated by the "14") | | **Voltage Rating** | Generally associated with 14V AC or DC working voltage (depending on the specific series suffix) | | **Configuration** | Radial Leaded (Disc shape with two wires) | | **Safety Standard** | Usually UL/VDE/CSA recognized | --- ### 2. Key Characteristics The "14V1-R" parts typically follow these electronic behaviors: * **Non-linear Resistance:** At normal voltages, the part has high resistance. When a high-voltage spike occurs, the resistance drops instantly, shunting the excess energy to ground. * **Response Time:** Extremely fast, usually in the nanosecond ($ns$) range. * **Energy Absorption:** The 14mm size allows for moderate energy dissipation (measured in Joules), making it suitable for consumer electronics and industrial power supplies. * **RoHS Compliant:** The "-R" suffix commonly denotes compliance with environmental standards (Restriction of Hazardous Substances). --- ### 3. Applications These parts are commonly found in the following locations: 1. **Power Supplies:** Used at the input stage to protect against mains fluctuations. 2. **Automotive Electronics:** Protection against "load dump" or battery surges in 12V systems. 3. **Communication Lines:** Shielding data ports from static discharge. 4. **Household Appliances:** Protecting control boards in washing machines, fridges, and microwaves. --- ### 4. Typical Technical Ratings *Note: These are representative values for a 14mm low-voltage varistor.* | Parameter | Typical Value | | :--- | :--- | | **Maximum Allowable Voltage** | 11Vrms / 14Vdc | | **Varistor Voltage (@ 1mA DC)** | 18V - 22V | | **Clamping Voltage** | ~36V to 40V | | **Peak Current (8/20µs pulse)** | 1000A to 2000A |
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 14mm and a 20mm varistor in terms of protection?
    • ⤷ How do I test if a 14V1-R varistor has failed using a multimeter?
    • ⤷ Can this component be used in 220V AC circuits?