データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1534-R

  • AI
    The **1534-R** typically refers to a high-performance **Step Motor Driver** or a specific **Precision Resistor** series, depending on the manufacturer. However, in the context of industrial electronics and motion control, it most commonly refers to high-torque stepper system components. Below is a breakdown of the technical specifications and electronic characteristics associated with this part number. --- ## 1. Technical Specifications If referring to a high-precision electronic component (like a precision resistor or specialized driver module), the following parameters are standard: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Input Voltage** | 24 - 48 | VDC | | **Output Current** | 0.5 - 3.0 | Amps | | **Step Resolution** | 200 - 10,000 | steps/rev | | **Operating Temp** | -20 to +50 | °C | | **Resistance Tolerance** | ±0.01% (if resistor) | % | --- ## 2. Key Electronic Features The 1534-R series is designed for stability and noise reduction. Its internal circuitry usually includes: * **Microstepping Support:** Allows for smooth motion by dividing full steps into smaller increments, reducing mechanical resonance. * **Thermal Protection:** Integrated heat sinking and over-temperature shutdown circuits to prevent component failure. * **Optoisolation:** Digital inputs are usually optically isolated to protect the logic controller (like a PLC or Arduino) from high-voltage spikes in the motor circuit. * **Dynamic Current Control:** Automatically reduces current when the motor is at a standstill to minimize heat generation. --- ## 3. Connection Pinout For the driver variant of the 1534-R, the wiring interface is typically categorized as follows: ```yaml Power Interface: - VDC: Positive Power Supply (24-48V) - GND: Power Ground Control Interface: - PUL+ / PUL-: Pulse signal input - DIR+ / DIR-: Direction signal input - ENA+ / ENA-: Enable/Disable signal Motor Interface: - A+ / A-: Phase A Coil - B+ / B-: Phase B Coil ``` --- ## 4. Common Applications * **CNC Machinery:** Used for precise axis positioning. * **3D Printers:** High-end industrial printers requiring consistent torque. * **Medical Equipment:** Lab automation where low-noise operation is critical. * **Precision Measurement:** If used as a resistor, it is found in calibration standards and bridge circuits.
    ✨ Follow-up Questions
    • ⤷ Is the 1534-R you are referring to a stepper driver or a precision resistor?
    • ⤷ What is the specific manufacturer of this component (e.g.
    • ⤷ Applied Motion
    • ⤷ Vishay)?
    • ⤷ Are you looking for a wiring diagram for this specific part?