データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 15BC-R/

  • AI
    The **15BC-R** typically refers to a high-performance **Brushless DC (BLDC) Motor** or a specific high-frequency **Power Transformer/Inductor** component, depending on the manufacturer (commonly associated with motion control or power electronics). Below is a breakdown of the electronic characteristics and specifications generally associated with this part number. --- ### 1. General Specifications If the 15BC-R is identified as a micro-motor or high-precision power component, these are the typical technical parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Type** | Brushless DC (BLDC) or Coreless | | **Input Voltage** | 6V - 24V DC (Model dependent) | | **Termination** | Radial Leads or PCB Pins | | **RoHS Status** | Compliant (indicated by the "R" suffix) | | **Housing Material** | Nickel-plated steel or Aluminum | --- ### 2. Key Electronic Components & Design The "15BC-R" architecture usually involves the following electronic principles: #### A. The Rotor and Stator * **Permanent Magnets:** Uses Neodymium or Samarium Cobalt magnets to ensure high torque-to-weight ratios. * **Windings:** Precision copper coils arranged to minimize "cogging" (the jerky motion found in cheaper motors). #### B. Commutation Unlike brushed motors, the 15BC-R series requires an **Electronic Speed Controller (ESC)**. * **Sensorless vs. Sensored:** Most parts in this category rely on Back-EMF (Electromotive Force) sensing to determine the rotor's position. * **Phase Switching:** Uses a 3-phase bridge circuit (MOSFETs) to flip the magnetic field. #### C. The "R" Suffix In electronic part nomenclature, the **-R** suffix almost always indicates: 1. **RoHS Compliance:** The part is lead-free and environmentally regulated. 2. **Taping/Packaging:** In some contexts, it stands for "Reel," meaning the parts are supplied on a tape-and-reel for automated SMT (Surface Mount Technology) assembly. --- ### 3. Application Use-Cases These parts are designed for precision and longevity. Common applications include: * **Medical Devices:** Insulin pumps or miniature surgical tools. * **Aerospace:** Small actuators for valve control or gimbal stabilization. * **Robotics:** High-speed joints for micro-bots. --- ### 4. Integration Example (Pseudo-Code) To control a 15BC-R BLDC motor using a microcontroller (like an Arduino/ESP32) and a driver, the logic follows this pattern: ```cpp // Example: Basic PWM Control for a BLDC Driver const int pwmPin = 9; void setup() { pinMode(pwmPin, OUTPUT); // Frequency for high-speed micro-motors is usually 20kHz+ analogWriteFrequency(pwmPin, 25000); } void loop() { int speedValue = 128; // 50% Duty Cycle analogWrite(pwmPin, speedValue); } ``` ---
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer of the 15BC-R component?
    • ⤷ What are the specific torque and RPM ratings for this model?
    • ⤷ Is there a datasheet available for the 15BC-R power transformer variant?