データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 16-R

  • AI
    The term **16-R** in electronics typically refers to a specific resistance value or a package sizing standard for components like resistors, capacitors, or relays. In most contexts, it denotes a **16 Ohm resistor**. Below is a breakdown of what this part represents across different categories. --- ### 1. Resistance Value: 16 Ohms In electronic schematics and marking codes, "16-R" or "16R" is a shorthand notation for a resistor with a value of **16 $\Omega$**. | Code | Meaning | Interpretation | | :--- | :--- | :--- | | **16R** | 16 Ohms | The 'R' acts as both the decimal point and the unit symbol ($\Omega$). | | **1R6** | 1.6 Ohms | The 'R' placed between digits indicates a decimal. | | **16R0** | 16.0 Ohms | Often used in precision resistors (1% tolerance). | --- ### 2. Physical Form Factors (SMD & Through-Hole) 16-ohm resistors come in various packages depending on the power requirements of the circuit. #### Common Packages * **0603 / 0805 / 1206 (SMD):** Small surface-mount chips used in smartphones and laptops. * **Axial Lead:** The traditional cylindrical shape with color bands, used in breadboarding and through-hole PCBs. * **TO-220:** A high-power package that often requires a heatsink, used in power electronics. --- ### 3. Technical Specifications When selecting a 16-R part, these parameters are critical: | Parameter | Description | Typical Values | | :--- | :--- | :--- | | **Tolerance** | How much the actual resistance varies from 16Ω. | ±1%, ±5%, or ±10% | | **Power Rating** | How much heat the part can dissipate. | 1/8W, 1/4W, 1W, up to 50W | | **Temperature Coefficient** | How resistance changes with heat. | Measured in ppm/°C | | **Material** | The composition of the resistive element. | Carbon Film, Metal Film, Wirewound | --- ### 4. Applications of 16-R Components * **Audio Systems:** 16-ohm speakers or headphones are common. A 16R resistor might be used for impedance matching or as a dummy load. * **LED Current Limiting:** Used to control the amount of current flowing through a diode to prevent burnout. * **Voltage Dividers:** Part of a circuit used to create a specific reference voltage. * **Pull-up/Pull-down:** Ensuring a digital signal stays at a logic "high" or "low" state. --- ### 5. Identification Code Example If you see a 16-ohm resistor with **color bands**, the sequence for a standard 4-band resistor (5% tolerance) would be: 1. **Brown** (1) 2. **Blue** (6) 3. **Black** (Multiplier: x1) 4. **Gold** (Tolerance: ±5%)
    ✨ Follow-up Questions
    • ⤷ How do I calculate the power rating needed for a 16R resistor?
    • ⤷ What is the difference between 16R and 16k resistors?
    • ⤷ How do I identify a 16R resistor using SMD 3-digit codes?